| Zakładka z wyszukiwarką danych komponentów |
|
SPC5643LFAMLL6R Arkusz danych(PDF) 75 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SPC5643LFAMLL6R Arkusz danych(HTML) 75 Page - NXP Semiconductors |
|
75 / 136 page ![]() NOTE Open Drain can be configured by the PCRn for all pins used as output (except FCCU_F[0] and FCCU_F[1] ). I[1] PCR[129] SIUL GPIO[129] ALT0 GPIO[129] — — M S — C12 eTimer_2 ETC[1] ALT1 ETC[1] PSMI[40]; PADSEL=1 DSPI_0 CS5 ALT2 — — FlexPWM_1 — — FAULT[1] — I[2] PCR[130] SIUL GPIO[130] ALT0 GPIO[130] — — M S — F16 eTimer_2 ETC[2] ALT1 ETC[2] PSMI[41]; PADSEL=1 DSPI_0 CS6 ALT2 — — FlexPWM_1 — — FAULT[2] — I[3] PCR[131] SIUL GPIO[131] ALT0 GPIO[131] — — M S — E17 eTimer_2 ETC[3] ALT1 ETC[3] PSMI[42]; PADSEL=1 DSPI_0 CS7 ALT2 — — CTU_0 EXT_TGR ALT3 — — FlexPWM_1 — — FAULT[3] — RDY PCR[132] SIUL GPIO[132] ALT0 GPIO[132] — — F S — K3 NPC RDY ALT2 — — 1 Programmable via the SRC (Slew Rate Control) bit in the respective Pad Configuration Register; S = Slow, M = Medium, F = Fast, SYM = Symmetric (for FlexRay) 2 The default function of this pin out of reset is ALT1 (TDO). 3 Analog Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed1 Pin # SRC =1 SRC =0 144 pkg 257 pkg |