Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VS-U5FX240FA120 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części VS-U5FX240FA120
Szczegółowy opis  FRED Pt® Gen 5 Hyperfast Rectifier Diode, 1200 V, 240 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-U5FX240FA120 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  VS-U5FX240FA120 Datasheet HTML 1Page - Vishay Siliconix VS-U5FX240FA120 Datasheet HTML 2Page - Vishay Siliconix VS-U5FX240FA120 Datasheet HTML 3Page - Vishay Siliconix VS-U5FX240FA120 Datasheet HTML 4Page - Vishay Siliconix VS-U5FX240FA120 Datasheet HTML 5Page - Vishay Siliconix VS-U5FX240FA120 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS-U5FX240FA120
www.vishay.com
Vishay Semiconductors
Revision: 19-May-2022
4
Document Number: 96933
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Maximum Thermal Impedance Junction to Case
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
CIRCUIT
CIRCUIT
CONFIGURATION CODE
CIRCUIT DRAWING
Two separate diodes,
parallel pin-out
F
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95423
Packaging information
www.vishay.com/doc?95425
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t
1 - Rectangular Pulse Duration (s)
0.50
0.20
0.10
0.05
0.02
0.01
DC
1
-
Vishay Semiconductors product
2
-
U5F = Gen 5 FRED Pt® family
3
-
X = Hyperfast FRED Pt® diode
4
-
Current rating per module (240 = 240 A)
5
-
F = circuit configuration (two separate diodes, parallel pin-out)
6
-
Package indicator (SOT-227 standard insulated base)
-
Voltage rating (120 = 1200 V)
7
Device code
5
1
3
2
4
6
7
VS-
U5F
X
240
F
A
120
1
43
2
Lead Assignment
1
4
2
3



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com