Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEC9V15A Arkusz danych(PDF) 6 Page - Analog Technologies, Inc.

Numer części TEC9V15A
Szczegółowy opis  High Voltage High Current TEC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

TEC9V15A Arkusz danych(HTML) 6 Page - Analog Technologies, Inc.

Back Button TEC9V15A Datasheet HTML 2Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 3Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 4Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 5Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 6Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 7Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 8Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 9Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 10Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 5/3/2022 Email: staff@analogti.com/sales@analogti.com 6
Analog Technologies
TEC9V15A
High Voltage High Current TEC Controller
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Temperature Set: TMS pin, pin 6
Input Impedance (See Figure 3 in
Page 8 for input equivalent
circuit)
ZTMSIN
5
MΩ
Input Voltage Range
VTMSIN
0
4
V
Open Circuit Voltage
VTMSOP
2
V
Temperature Signal Input: IN+ pin, pin 7
Input Voltage Range
VIN+
0
4
V
Thermistor Connection Port: RTH pin, pin 8
Input Voltage Range
VRTHIN
0
4
V
Actual Target Object Temperature Indication: TMO pin, pin 9
Output Voltage Range
VTMOOUT
RLOAD = 10kΩ to 2V
−40°C≤ TA≤ +125°C
0
4
V
Output Current
ITMOOUT
VSS = 0V
TA = 25°C
−12
12
mA
Compensation Input: CMIN pin, pin 10
Input Voltage Range
VCMIN
RLOAD = 10kΩ to 2V
−40°C≤ TA≤ +125°C
0
4
V
Input Current
ICMIN
−40°C≤ TA≤ +125°C
90
200
pA
Compensation Output: IDR pin, pin 11
Output Voltage Range
VIDROUT
RLOAD = 10kΩ to 2V
−40°C≤ TA≤ +125°C
0
4
V
TEC Current Limit: ILM pin, pin 12
Input Impedance
ZILM
21
kΩ
Input Voltage Range
VILMIN
0
4
V
TEC Voltage Limit: VLM pin, pin 13
Input Impedance (See Figure 4 in
Page 8 for input equivalent
circuit)
ZVLM
10
kΩ
Input Voltage Range
VVLMIN
0
4
V
TEC Current Indication: ITEC pin, pin 14
TEC Voltage Indication: VTEC pin, pin 15
Controller Temperature Indication: CTMO pin, pin 16
Output Voltage Range
VCTMO
TA = 25°C
0
4
V
Maximum Load Current
ICTMOOUT
TA = 25°C
−12
12
mA
TEC+/TEC− pin, pin 17~20/pin 21~24
Maximum Output Current
|IMAXTEC+|
|IMAXTEC-|
VVPS = 5.5V~9V
TA = 25°C
0
15
A
Maximum Output Voltage
|VOUTMAX|
VVPS = 9V
0
7.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com