Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEC9V15A Arkusz danych(PDF) 3 Page - Analog Technologies, Inc.

Numer części TEC9V15A
Szczegółowy opis  High Voltage High Current TEC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

TEC9V15A Arkusz danych(HTML) 3 Page - Analog Technologies, Inc.

  TEC9V15A Datasheet HTML 1Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 2Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 3Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 4Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 5Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 6Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 7Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 8Page - Analog Technologies, Inc. TEC9V15A Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 5/3/2022 Email: staff@analogti.com/sales@analogti.com 3
Analog Technologies
TEC9V15A
High Voltage High Current TEC Controller
Pin #
Name
Note
Description
3
SBDN
Analog
/Digital input
Standby and shut down control. This SBDN pin is internally floated and
series with 1k resistor. It’s suggested to pull this pin up to VPS power
supply by a 4.99MΩ resistor. If pulled to ground, it shuts down the entire
controller. This pin has 2 threshold voltages: 1.5V and 2.0V. See Figure 5.
SHUT DOWN: VSBDN < 0.3V, the controller is set to non-working state.
STANDBY: 1.9V > VSBDN > 1.5V, all components are set to working state
except
the
output
stages
for
TEC+
and
TEC−.
OPERATION: VSBDN > 2.0V, the whole controller is set to working state.
4
GND
Ground
Signal ground. Connect this pin to the signal ground of ADCs, DACs, and
the signal sources. It can also be used as analog output pin ground.
5
4VR
Analog
output
Reference voltage output, 4.096V. It can be used as the voltage reference
by the potentiometers or DACs for setting the analog ports, such as TMS,
ILM, VLM, etc. It can also be used by ADCs for sensing the analog output
ports: TMO, CTMO, ITEC and VTEC. The initial accuracy is 0.1%, and the
temperature coefficient is <50ppm/°C max.
6
TMS
Analog input
Analog Input port for setting the set-point temperature for the target
object. It is internally tied a 1MΩ resistor to the half value of the reference
voltage, 2V. The open circuit voltage of this pin is thus 2V, corresponding
to a set-point temperature of 25°C by using the default temperature
network (with the set-point temperature range being from 15°C to
35°C). It is highly recommended to set this pin’s voltage by using the
controller’s 4V voltage reference. This pin can be set by using a POT or
DAC. When the set-point temperature needs to be at 25°C, leave this pin
unconnected.
7
IN+
Analog input
Receive external temperature signal (thermistor and temperature sensor,
etc.)
8
RTH
Analog input
Thermistor connection port. Connect to the thermistor which is mounted
on the target object for sensing its temperature. By using the default
internal temperature network, a 10kΩ @ 25°C thermistor can be used.
Other type of thermistors or temperature sensors can also be used, see
the application section for details.
9
TMO
Analog
output
Actual target object temperature indication. It swings from 0V to 4V. By
using a default internal temperature network, it represents 15°C to 35°C
when this pin’s voltage swings 0.1V to 3.9V linearly, provided a standard
10kΩ thermistor is used as the temperature sensor device.
10
CMIN
Analog input
Compensation input pin for the thermal control loop.
11
IDR
Analog input
and output
This voltage is derived from the temperature error detection circuit and
used as the input control signal of the current loop for the TEC. Its
internal impedance is 10kΩ and can be over-driven by an external analog
signal which is able to over-ride the 10kΩ resistor. The voltage range is
from 0V to 4V, corresponding to −15A to +15A output current. Setting this
pin voltage to 2V forces the output current to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com