| Zakładka z wyszukiwarką danych komponentów |
|
SWCS049A Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWCS049A Arkusz danych(HTML) 10 Page - Texas Instruments |
|
10 / 144 page ![]() 10 TPS65911 SWCS049S – JUNE 2010 – REVISED AUGUST 2018 www.ti.com Submit Documentation Feedback Product Folder Links: TPS65911 Pin Configuration and Functions Copyright © 2010–2018, Texas Instruments Incorporated 4.1 Pin Attributes Pin Attributes PIN I/O TYPE SUPPLIES DESCRIPTION PULLUP PULLDOWN NAME NO. AGND D6, E5, E6, F5, G4, H5, H6, J3, J4, J6, K3 I/O Power AGND Analog ground No AGND2 M8, N8 I/O Power AGND Analog ground No BOOT1 J5 I Digital VRTC, DGND Power-up sequence selection No CLK32KOUT F4 O Digital VDDIO, DGND 32-kHz clock output PD disable in ACTIVE or SLEEP state DGND A1, B1, B2 I/O Power DGND Digital ground No DRVH A3 O Analog VBST, GNDC VDDCtrl, High-side FET driver output DRVL A6 O Analog V5IN, GNDC VDDCtrl, FET driver output EN D5 I Analog VCC7, GNDC Internal functional pin, leave floating EN1 M7 I/O Digital VDDIO, DGND Enable for supplies or voltage scaling dedicated I2C clock External PU EN2 M6 I/O Digital VDDIO, DGND Enable for supplies or voltage scaling dedicated I2C data External PU GNDC A7, A8 I/O Power GNDC VDDCtrl, Controller ground GNDIO J7, J8 I/O Power VCCIO, GNDIO VIO DCDC Power ground No GND1 C1, C2, D3 I/O Power VCC1, GND1 VDD1 DCDC Power ground No GND2 J1, J2 I/O Power VCC2, GND2 VDD2 DCDC Power ground No GPIO0 L5 I/O Digital VCC7, DGND GPIO, push-pull or OD as output OD: External PU GPIO1 F6 I/O, OD Digital VRTC, DGND GPIO or LED1 output OD: External PU GPIO2 L2 I/O, OD Digital VRTC, DGND GPIO or DCDC clock synchronization OD: External PU GPIO3 B7 I/O, OD Digital VRTC, DGND GPIO or LED2 output OD: External PU GPIO4 H7 I/O, OD Digital VRTC, DGND GPIO OD: External PU GPIO5 G6 I/O, OD Digital VRTC, DGND GPIO OD: external PU GPIO6 G3 I/O; OD Digital VRTC, DGND GPIO OD: External PU GPIO7 L4 I/O, OD Digital VRTC, DGND GPIO OD: External PU GPIO8 K5 I/O, OD Digital VRTC, DGND GPIO OD: External PU HDRST L6 I Digital VRTC, DGND Cold reset PD INT1 L3 O Digital VDDIO, DGND Interrupt flag No LDO1 N6 O Power VCC6, REFGND LDO Regulator output No LDO2 N4 O Power VCC6, REFGND LDO Regulator output No LDO3 E7 O Power VCC5, REFGND LDO Regulator output PD 5 µA LDO4 C8 O Power VCC5, REFGND LDO Regulator output PD 5 µA LDO5 K1 O Power VCC4, REFGND LDO Regulator output PD 5 µA LDO6 M2 O Power VCC3, REFGND LDO Regulator output PD 5 µA LDO7 M3 O Power VCC3, REFGND LDO Regulator output PD 5 µA LDO8 M1 O Power VCC3, REFGND LDO Regulator output PD 5 µA NRESPWRO N H4 O Digital VDDIO, DGND Power off reset PD active during device OFF state NRESPWRO N2 C7 O, OD Digital VRTC, DGND Second NRESPWRON output PD active during device OFF state. External pullup in ACTIVE state. OSC32KIN F8 I Analog VRTC, REFGND 32-kHz crystal oscillator No OSC32KOUT F7 I Analog VRTC, REFGND 32-kHz crystal oscillator No |