| Zakładka z wyszukiwarką danych komponentów |
|
SWCS049A Arkusz danych(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWCS049A Arkusz danych(HTML) 21 Page - Texas Instruments |
|
21 / 144 page ![]() 21 TPS65911 www.ti.com SWCS049S – JUNE 2010 – REVISED AUGUST 2018 Submit Documentation Feedback Product Folder Links: TPS65911 Specifications Copyright © 2010–2018, Texas Instruments Incorporated Electrical Characteristics: VIO SMPS (continued) Over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Ground current (IQ) Off 1 µA PWM mode, IOUT = 0 mA, VIN = 3.8 V, VIO_PSKIP = 0 7500 PFM (pulse skipping) mode, no switching, 3-MHz clock on 250 Low-power (pulse skipping) mode, no switching ST[1:0] = 11 63 Conversion efficiency PWM mode, DCRL < 50 mΩ, VOUT = 1.8 V, VIN = 3.6 V: IOUT = 10 mA 40% IOUT = 100 mA 83% IOUT = 400 mA 85% IOUT = 800 mA 80% IOUT = 1200 mA 75% PFM mode, DCRL < 50 mΩ, VOUT = 1.8 V, VIN = 3.6 V IOUT = 1 mA 68% IOUT = 10 mA 80% IOUT = 400 mA 85% 5.14 Electrical Characteristics: VDD1 SMPS Over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Input voltage on VCC1 and VCC7 (VIN) VOUT ≤ 2.7 V 2.7 5.5 V VOUT > 2.7 V VOUT 5.5 DC output voltage (VOUT) VGAIN_SEL = 00, IOUT = 0 to IOUTmax Max programmable voltage, SEL[6:0] = 1001011 1.5 V SEL[6:0] = 0110011 –3% 1.2 3% Min programmable voltage, SEL[6:0] = 0000011 0.6 SEL[6:0] = 000000: power down 0 VGAIN_SEL = 10, SEL = 0101011 = 43, IOUT = 0 to IOUTmax –3% 2.2 3% VGAIN_SEL = 11, SEL = 0101011 = 43, IOUT = 0 to IOUTmax –3% 3.3 3% DC output maximum voltage maximum value 3.3 V DC output voltage programmable step (VOUTSTEP) VGAIN_SEL = 00, 72 steps 12.5 mV Rated output current (IOUTmax) VDD1 output voltage = (0.6 to 2.2 V) 1500 mA VDD1 output voltage = 3.2 V 1200 VDD1 output voltage = (1.2 V, 1.35 V, 1.5 V) VINmin = 3 V 2000 P-channel MOSFET On-resistance (RDS(ON)_PMOS) VIN = VINmin 300 mΩ VIN = 3.8 V 250 400 P-channel leakage current (ILK_PMOS) VIN = VINmax, SW1 = 0 V 2 µA N-channel MOSFET On-resistance (RDS(ON)_NMOS) VIN = VMIN 300 mΩ VIN = 3.8 V 250 400 N-channel leakage current (ILK_NMOS) VIN = VINmax, SW1 = VINmax 2 µA |