| Zakładka z wyszukiwarką danych komponentów |
|
RZ/A Arkusz danych(PDF) 57 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A Arkusz danych(HTML) 57 Page - Renesas Technology Corp |
|
57 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 57 of 83 Jul 28, 2022 2.12 GreenPAK Figure 2.15 shows a block diagram of the GreenPAK. This board is implemented several types of the GreenPAK with integrated various peripheral functions. Table 2.3 shows a function of the each GreenPAK used with this board. Figure 2.15 Block Diagram of Each GreenPAK Table 2.3 Features of Each GreenPAK Type Name Description SLG7RN45314 SMARC Boot Mode SD0_CD / GPIO4 multiplexing SD0_PWR_SEL / ADC_TRG multiplexing SD0_DEV_SEL (microSD card or eMMC) SLG7RN45315 USB0/1 Logic for EN_OC# Etehnet0/1 Logic for interrupt level shifting LINK Active LED drive SLG7RN45356 Reset Logic SMARC Carrier Power ON Ethernet0/1 LINK LED drive LINK status inversion The pin configuration and of each GreenPAK is described in the next section. Please refer to the following data sheet included with the design data in detail. ● SLG7RN45314_DS_r014_12152021.pdf ● SLG7RN45315_DS_r011_10292021.pdf ● SLG7RN45356_DS_r010_11012021.pdf RZ/A3UL SMARC Module Board OCTAL Edition RZ/A3UL SMARC Module Board QSPI Edition RZ/G2UL SMARC Module Board RZ/Five SMARC Module Board |