| Zakładka z wyszukiwarką danych komponentów |
|
CDSCB10M7GF123-R0 Arkusz danych(PDF) 6 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
CDSCB10M7GF123-R0 Arkusz danych(HTML) 6 Page - Murata Manufacturing Co., Ltd |
|
6 / 77 page ![]() !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 4 Ceramic Traps y 00 u -R0 e KA w S r 4M00 t B q TP (Part Number) qProduct ID wFunction TP Ceramic Traps Product ID tProduct Specification Code (1) B C Code Product Specification (1) With non-standard products, three-digit alphanumerics indicating "Individual Specification" is added between " yProduct Specification Code (2)" and " uPackaging." eStructure/Size Bulk Embossed Taping ø=330mm Broad bandwidth Type Low capacitance Type yProduct Specification Code (2) 00 Code Product Specification (2) Standard Type uPackaging -B0 -R1 Code Packaging Single Traps S Code Function Chip Type K p Code Structure/Size p is "A" or subsequent code, which indicates the structure/size. rNominal Center Frequency Expressed by four-digit alphanumerics. The unit is in hertz (Hz). Decimal point is expressed by capital letter "M" in case of MHz. e LF w A r 10M7 i -B0 u 001 q CD t G y A (Part Number) qProduct ID wOscillation Discriminators for FM CD Discriminators Product ID Radial taping is applied to lead type and embossed taping to chip type. With non-standard products, an alphanumerics indicating "Individual Specification" is added between " uIC" and "iPackaging." eStructure/Size Bulk Radial Taping H0=18mm Embossed Taping ø=180mm Embossed Taping ø=330mm uIC 001 Code IC Applicable IC Control Code iPackaging -B0 -A0 -R0 -R1 Code Packaging Thickness Expander mode Thickness Shear mode A S Code Oscillation Lead Type Chip Type L p C p Code Structure/Size p is "A" or subsequent code, which indicates the structure/size. rNominal Center Frequency Expressed by four-digit alphanumerics. The unit is in hertz (Hz). Decimal point is expressed by capital letter "M" in case of MHz. tSeries G Two-digit alphanumerics express series Code Series yCenter Frequency/Tolerance A B C D E H V W K Z M F Center Frequency mentioned by specification -30kHz shifted from center frequency of code "A" +30kHz shifted from center frequency of code "A" -60kHz shifted from center frequency of code "A" +60kHz shifted from center frequency of code "A" Center Frequency mentioned by specification -50kHz shifted from center frequency of code "H" +50kHz shifted from center frequency of code "H" Center Frequency mentioned by specification Combination of A, B, C, D, E Combination of A, B, C Nominal Center Frequency Code Center Frequency ±30kHz ±30kHz ±30kHz ±30kHz ±30kHz ±25kHz ±25kHz ±25kHz ±20kHz — — — Tolerance 3dB bandwidth of "F" signifies the frequency difference (both + and -) from reference frequency, which is nominal center frequency. |