| Zakładka z wyszukiwarką danych komponentów |
|
CDSCB10M7GF123-R0 Arkusz danych(PDF) 8 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
CDSCB10M7GF123-R0 Arkusz danych(HTML) 8 Page - Murata Manufacturing Co., Ltd |
|
8 / 77 page ![]() Part Number Center Frequency (fo) (MHz) Nominal Center Frequency (fn) (MHz) 3dB Bandwidth (kHz) Attenuation (kHz) Insertion Loss (dB) Ripple (dB) Spurious Attenuation (1) (dB) Spurious Attenuation (2) (dB) Input/Output Impedance (ohm) SFECF10M7HA00S0-R0 10.700 ±30kHz - 180 ±40kHz 470 max. 4.0±2.0dB 1.0 max. 30 min. [within 9MHz to fo] 30 min. [within fo to 12MHz] 330 SFECF10M7HF00S0-R0 - 10.700 fn±25 min. 510 max. 8.0max. [at fn] 1.0 max. 30 min. [within 9MHz to fn] 25 min. [within fn to 12MHz] 330 SFECF10M7GA00S0-R0 10.700 ±30kHz - 230 ±50kHz 510 max. 3.5±2.0dB 1.0 max. 30 min. [within 9MHz to fo] 30 min. [within fo to 12MHz] 330 SFECF10M7GF00S0-R0 - 10.700 fn±45 min. 560 max. 8.0max. [at fn] 1.0 max. 30 min. [within 9MHz to fn] 25 min. [within fn to 12MHz] 330 SFECF10M7FA00S0-R0 10.700 ±30kHz - 280 ±50kHz 590 max. 3.0±2.0dB 1.0 max. 30 min. [within 9MHz to fo] 30 min. [within fo to 12MHz] 330 SFECF10M7FF00S0-R0 - 10.700 fn±65 min. 630 max. 7.0max. [at fn] 1.0 max. 30 min. [within 9MHz to fn] 25 min. [within fn to 12MHz] 330 SFECF10M7EA00S0-R0 10.700 ±30kHz - 330 ±50kHz 700 max. 3.0±2.0dB 1.0 max. 30 min. [within 9MHz to fo] 30 min. [within fo to 12MHz] 330 SFECF10M7DF00S0-R0 - 10.700 fn±145 min. 990 max. 6.0max. [at fn] 3.0 max. 20 min. [within 9MHz to fn] 20 min. [within fn to 12MHz] 330 Area of Attenuation: [within 20dB] Area of Insertion Loss: at minimum loss point Area of Ripple: within 3dB B.W. Center frequency (fo) defined by the center of 3dB bandwidth. For safety purposes, connect the output of filters to the IF amplifier through a D.C. blocking capacitor. Avoid applying a direct current to the output of ceramic filters. The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page. CODE D B A C E Z M 30kHz Step 10.64MHz±30kHz 10.67MHz±30kHz 10.70MHz±30kHz 10.73MHz±30kHz 10.76MHz±30kHz 25kHz Step 10.650MHz±25kHz 10.675MHz±25kHz 10.700MHz±25kHz 10.725MHz±25kHz 10.750MHz±25kHz Combination A, B, C, D, E Combination A, B, C c Standard Center Frequency Rank Code Input Ground No connection Output (1): (2)(5): (3)(4): (6): (in mm) It indicates solder resist land pattern. 0.8 0.6 0.8 0.6 0.8 0.1 0.1 (6) (5) (4) (1) (2) (3) c Standard Land Pattern Dimensions (1) (2) (3) (6) (5) (4) R2 C2 E2 RF Voltmeter R1 E1 S.S.G. Rg Rg = 50 Ω R1 = 280Ω ±5% R2 = 330Ω ±5% C2 = 10 ± 2 pF (Including stray capacitance and Input capacitance of RF voltmeter) E1: S.S.G. Output Voltage : Input : Ground : No connection : Output (1) (2)(5) (3)(4) (6) c Test Circuit High-Reliability Type 6 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 1 |