| Zakładka z wyszukiwarką danych komponentów |
|
BW50RAM-3P024 Arkusz danych(PDF) 42 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM-3P024 Arkusz danych(HTML) 42 Page - Fuji Electric |
|
42 / 93 page ![]() Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06/42 Molded Case Circuit Breakers G-TWIN series Dimensions / Standard Mounting hole Mounting hole Trip button Trip button M4 or ø5 M4 or ø5 R2 or less R2 or less 137 or more 102 or more 86 or more 51 or more M8 x 16 ø9 t<6 Insulation barrier Detachable Insulation barrier Detachable Panel drilling Front panel cutting Panel drilling Front panel cutting Terminal section 105 100 70 45.5 22 L C 87.5 140 52.5 85 50 35 35 35 45.5 22 60 4 ON 57 64 3.5 68 7 95 MCCB 35 MCCB 35 L C MCCB L C MCCB 10.5 11 8 M8 x 16 ø9 t<6 10.5 11 8 Terminal section L C L C L C L C L C L C L C L C L C L C 60 4 ON 57 64 3.5 68 7 95 L C Note: 2-pole breaker is supplied in 3-pole frame with current carrying parts omitted from center pole. BW160 -2P, 3P BW250 -2P, 3P BW160 -4P BW250 -4P n Dimensions, mm Front mounting, front connection |