| Zakładka z wyszukiwarką danych komponentów |
|
BW50RAM-3P024 Arkusz danych(PDF) 68 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM-3P024 Arkusz danych(HTML) 68 Page - Fuji Electric |
|
68 / 93 page ![]() 06/68 Fuji Electric FA components & Systems Co., Ltd./D & C Catalog Information subject to change without notice n Available configurations Auxliary switch SPDT: W (1)* Alarm switch SPDT: K (8)* Shunt trip: F Undervoltage trip: R W+K (1+8) Auxliary switch 2PDT: V (2) Alarm switch 2PDT: J (9) V+K (2+8) W+J (1+9) V+J (2+9) W+F (1+F) W+R (1+R) K+F (8+F) K+R (8+R) W+K+F (1+8+F) W+K+R (1+8+R) V+F (2+F) V+R (2+R) J+F (9+F) J+R (9+R) V+K+F (2+8+F) V+K+R (2+8+R) W+J+F (1+9+F) W+J+R (1+9+R) V+J+F (2+9+F) V+J+R (2+9+R) MCCB Pole 2 2 3 2, 3 4 2, 3, 4 Notes: •The above table is applied to front mounting type, rear mounting type, flush mounting type, and plug-in mounting type. • Terminal block is attached on the same side of the accessory. • ( ) Code of low level circuit □:See page 06/2. *1 Configurations with terminal block are not available. *2 Flush mounting, rear contection type breakers of 100AF or less are not available. *1 *1 BW125JAG-2P BW125JAGU-2P BW400 BW630 BW800 BW125 BW160 BW250 (Except for BW125JAG-2P, BW125JAGU-2P) BW32 □-3P BW50 □-3P BW63 □-3P BW100 □-3P BW32 □-2P BW50 □-2P BW63 □-2P BW100 □-2P *2 *2 *2 *1 *1 *1 *1 *1 *1 *1 *1 *2 *2 *2 *2 *2 *2 *2 *2 *2 *2 Handle Handle Handle 2-pole 3-pole 4-pole Left Right Right Shunt trip: F Undervoltage trip: R (Internal) Auxiliary switch: W Alarm switch: K Lead wire Undervoltage trip: R (External) Left Right Molded Case Circuit Breakers G-TWIN series Internal accessories |