Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2024B Arkusz danych(PDF) 2 Page - Tripath Technology Inc.

Numer części TA2024B
Szczegółowy opis  STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPATH [Tripath Technology Inc.]
Strona internetowa  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2024B Arkusz danych(HTML) 2 Page - Tripath Technology Inc.

  TA2024B Datasheet HTML 1Page - Tripath Technology Inc. TA2024B Datasheet HTML 2Page - Tripath Technology Inc. TA2024B Datasheet HTML 3Page - Tripath Technology Inc. TA2024B Datasheet HTML 4Page - Tripath Technology Inc. TA2024B Datasheet HTML 5Page - Tripath Technology Inc. TA2024B Datasheet HTML 6Page - Tripath Technology Inc. TA2024B Datasheet HTML 7Page - Tripath Technology Inc. TA2024B Datasheet HTML 8Page - Tripath Technology Inc. TA2024B Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
2
TA2024B –KL/1.2/01.06
SYMBOL
PARAMETER
Value
UNITS
VDD
Supply Voltage
16
V
V5
Input Section Supply Voltage
6.0
V
SLEEP
SLEEP Input Voltage
-0.3 to 6.0
V
MUTE
MUTE Input Voltage
-0.3 to V5+0.3
V
TSTORE
Storage Temperature Range
-40 to 150
°C
TA
Operating Free-air Temperature Range
0 to 70
°C
TJ
Junction Temperature
150
°C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: See Power Dissipation Derating in the Applications Information section.
OPERATING COND ITIO NS (Note 4)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VDD
Supply Voltage
8.5
12
13.2
V
VIH
High-level Input Voltage (MUTE, SLEEP)
3.5
V
VIL
Low-level Input Voltage (MUTE, SLEEP)
1
V
Note 3: Recommended Operating Conditions indicate conditions for which the device is functional. See
Electrical Characteristics for guaranteed specific performance limits.
THERMAL CHARA CTER ISTICS
SYMBOL
PARAMETER
VALUE UNITS
θJC
Junction-to-case Thermal Resistance
2.5
°C/W
θJA
Junction-to-ambient Thermal Resistance (still air)
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com