Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2024B Arkusz danych(PDF) 3 Page - Tripath Technology Inc.

Numer części TA2024B
Szczegółowy opis  STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPATH [Tripath Technology Inc.]
Strona internetowa  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2024B Arkusz danych(HTML) 3 Page - Tripath Technology Inc.

  TA2024B Datasheet HTML 1Page - Tripath Technology Inc. TA2024B Datasheet HTML 2Page - Tripath Technology Inc. TA2024B Datasheet HTML 3Page - Tripath Technology Inc. TA2024B Datasheet HTML 4Page - Tripath Technology Inc. TA2024B Datasheet HTML 5Page - Tripath Technology Inc. TA2024B Datasheet HTML 6Page - Tripath Technology Inc. TA2024B Datasheet HTML 7Page - Tripath Technology Inc. TA2024B Datasheet HTML 8Page - Tripath Technology Inc. TA2024B Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
3
TA2024B –KL/1.2/01.06
EL ECTR I CAL CHA RACTER I S T I C S
See Test/Application Circuit. Unless otherwise specified, VDD = 12V, f = 1kHz, Measurement
Bandwidth = 22kHz, RL = 4Ω, TA = 25 °C, Package heat slug soldered to 2.8 square-inch PC pad.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
PO
Output Power
(Continuous Average/Channel)
THD+N = 0.1%
RL = 4Ω
RL = 8Ω
THD+N = 10%
RL = 4Ω
RL = 8Ω
9
5.5
12
8
11
6
15
10
W
W
W
W
IDD,MUTE
Mute Supply Current
MUTE = VIH
5.5
7
mA
IDD, SLEEP
Sleep Supply Current
SLEEP = VIH
0.25
2
mA
Iq
Quiescent Current
VIN = 0 V
61
75
mA
THD + N
Total Harmonic Distortion Plus
Noise
PO = 9W/Channel
0.03
%
IHF-IM
IHF Intermodulation Distortion
19kHz, 20kHz, 1:1 (IHF)
0.10
0.5
%
SNR
Signal-to-Noise Ratio
A-Weighted, POUT = 15W, RL = 4Ω
98
dB
CS
Channel Separation
f = 1 kHz
20 Hz
< f < 20 kHz
50
85
60
dB
dB
PSRR
Power Supply Rejection Ratio
VDD = 9V to 13.2V
Vripple = 100mVrms, f=1kHz
65
75
65
dB
dB
η
Power Efficiency
POUT = 10W/Channel, RL = 8Ω
90
%
VOFFSET
Output Offset Voltage
No Load, MUTE = Logic Low
50
150
V
VOH
High-level output voltage
(FAULT & OVERLOAD)
3.5
V
VOL
Low-level output voltage
(FAULT & OVERLOAD)
1
V
eOUT
Output Noise Voltage
A-Weighted, input AC grounded
100
µV
Note:
Minimum and maximum limits are guaranteed but may not be 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com