Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VL53L1 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części VL53L1
Szczegółowy opis  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Arkusz danych(HTML) 5 Page - STMicroelectronics

  VL53L1 Datasheet HTML 1Page - STMicroelectronics VL53L1 Datasheet HTML 2Page - STMicroelectronics VL53L1 Datasheet HTML 3Page - STMicroelectronics VL53L1 Datasheet HTML 4Page - STMicroelectronics VL53L1 Datasheet HTML 5Page - STMicroelectronics VL53L1 Datasheet HTML 6Page - STMicroelectronics VL53L1 Datasheet HTML 7Page - STMicroelectronics VL53L1 Datasheet HTML 8Page - STMicroelectronics VL53L1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
DocID029631 Rev 12
5/39
VL53L1
Product overview
39
1.3
Device pinout
Figure 2 shows the pinout of the VL53L1 (see also Figure 17).
Figure 2. VL53L1 pinout (bottom view)
Table 2. VL53L1 pin description
Pin number
Signal name
Signal type
Signal description
1
AVDDVCSEL
Supply
VCSEL supply, to be connected to main supply
2
AVSSVCSEL
Ground
VCSEL ground, to be connected to main ground
3
GND
Ground
To be connected to main ground
4
GND2
Ground
To be connected to main ground
5
XSHUT
Digital input
Xshutdown pin, active low
6
GND3
Ground
To be connected to main ground
7
GPIO1
Digital output
Interrupt output. Open drain output.
8
DNC
Digital input
Do not connect, must be left floating.
9SDA
Digital
input/output
I2C serial data
10
SCL
Digital input
I2C serial clock input
11
AVDD
Supply
Supply, to be connected to main supply
12
GND4
Ground
To be connected to main ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39