| Zakładka z wyszukiwarką danych komponentów |
|
HVLED007TR Arkusz danych(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED007TR Arkusz danych(HTML) 10 Page - STMicroelectronics |
|
10 / 33 page ![]() Application information HVLED007 10/33 DS12866 Rev 1 Equation 1 Figure 4. Hi-PF QR flyback converter with the traditional TM control: current waveforms With the traditional TM control method, the term Ippk (θ), the peak envelope of the primary current, is sinusoidal (Ippk(θ) = Ippk sin θ). The distortion stems from the term TON / T(θ), due to the primary current being chopped, which is not constant (TON is constant, T(θ) is not). This distortion is prevented if the flyback converter is operated with a fixed switching frequency in the Discontinuous Conduction Mode (DCM). However, there are a few benefits in using TM operation that are lost when operating with a fixed frequency (FF): lower conducted EMI emissions, safer operation under short-circuit conditions, valley-switching or even true soft-switching (zero-voltage switching, ZVS). The idea behind the novel TM method is to distort the current reference Vcsref(θ) that determines Ippk(θ) (Ippk(θ) = Vcsref (θ) / Rs) by a term T(θ) / TON : this cancels out the term TON / T(θ) introduced by averaging and results in a sinusoidal average primary current, i.e. in a sinusoidal input current. Then, the control objective can be expressed in the following terms: Equation 2 Iin = 1 2 --- Ip pk TON T ------------ T TON Vcsref = Vcs x sin T T ON ------------------- |