| Zakładka z wyszukiwarką danych komponentów |
|
HVLED007TR Arkusz danych(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED007TR Arkusz danych(HTML) 17 Page - STMicroelectronics |
|
17 / 33 page ![]() DS12866 Rev 1 17/33 HVLED007 Application information 33 With the HVLED007, since Rt is fixed inside the control IC (Rt = 8.3 k) the design objective is to properly select the value of Ct. This is done looking basically at two interrelated factors: the amplitude of the ripple voltage VCt (t, θ) across Ct at the switching frequency and the Total Harmonic Distortion (THD) of the input current. The amplitude of VCt (t, θ) affects also the maximum available signal on the current sense input and, then, the selection of the sense resistor Rs. Please refer to "Section 4.7: Current sensing input (pin CS). Sense resistor (Rs) selection" for more information concerning this point. The ripple voltage, generated by the charge and discharge of Ct through IMULT (θ) and Rt, can be considered essentially triangular and symmetrically superimposed on the slowly varying (at 2 fline) DC value VCt (θ). Its peak-to-peak amplitude is given in equation #4 contained in Table 7. As discussed in [Reference 1], this ripple causes distortion of the current reference and a reduction of the programmed peak current. Both can be significant if the ripple amplitude is not adequately low. As a rule of thumb, the maximum peak-to-peak value of VCt (t, θ) should not exceed 10% of the maximum amplitude of VCt (θ). Both amplitudes are at a maximum at the maximum input power (Pin = Pin_max) and minimum input voltage (Kv = Kv_min). Combining equations #3 and #4 of Table 7, this condition can be expressed as: Equation 10 With this choice the programmed peak current Vcsref (θ) - Vcsref (θ) /2 is less than 5% lower than the value calculated with equations #1 and #2 in Table 8, which neglect the contribution of the ripple (see "Section 4.7: Current sensing input (pin CS). Sense resistor (Rs) selection" for more details). The distortion caused by the ripple does not exceed 2.5% and the resulting time constant Rt Ct is typically in the range of 4 to 5 times the maximum switching period T(θ)max. Experience shows that this value is close to the value that minimizes the THD of the input current for line frequencies in the range of 47 to 63 Hz, which is the range typically specified for applications running from most of the power lines worldwide. 4.5 Control input for isolated feedback and optocoupler driving (pin COMP) Pin COMP is to be driven by the phototransistor (emitter-grounded) of an optocoupler to modulate its voltage by modulating the current sourced by the pin. Figure 8 shows the output characteristic of the pin. Vcs ref Vcsref -------------------- = 4 Rt Ct ------------ Lp Pin_max Kv_min VR 2 ---------------------------- sin 0.1 |