Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LSM6DSTTR Arkusz danych(PDF) 25 Page - STMicroelectronics

Numer części LSM6DSTTR
Szczegółowy opis  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTTR Arkusz danych(HTML) 25 Page - STMicroelectronics

Back Button LSM6DSTTR Datasheet HTML 21Page - STMicroelectronics LSM6DSTTR Datasheet HTML 22Page - STMicroelectronics LSM6DSTTR Datasheet HTML 23Page - STMicroelectronics LSM6DSTTR Datasheet HTML 24Page - STMicroelectronics LSM6DSTTR Datasheet HTML 25Page - STMicroelectronics LSM6DSTTR Datasheet HTML 26Page - STMicroelectronics LSM6DSTTR Datasheet HTML 27Page - STMicroelectronics LSM6DSTTR Datasheet HTML 28Page - STMicroelectronics LSM6DSTTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 180 page
background image
DocID033525 Rev 2
25/180
LSM6DST
Pin description
180
3.1
Pin connections
The LSM6DST offers flexibility to connect the pins in order to have four different mode
connections and functionalities. In detail:
Mode 1: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface is
available;
Mode 2: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface and I²C
interface master for external sensor connections are available;
Mode 3: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface is
available for the application processor interface while an auxiliary SPI (3- and 4-wire)
serial interface for external sensor connections is available for the gyroscope ONLY;
Mode 4: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface is
available for the application processor interface while an auxiliary SPI (3- and 4-wire)
serial interface for external sensor connections is available for the accelerometer and
gyroscope.
Figure 4. LSM6DST connection modes
In the following table each mode is described for the pin connections and function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More