| Zakładka z wyszukiwarką danych komponentów |
|
SMSA2815S/KR Arkusz danych(PDF) 3 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
SMSA2815S/KR Arkusz danych(HTML) 3 Page - Interpoint Corporation Company |
|
3 / 12 page ![]() 47 SMSA SERIES 5 WATT DC/DC CONVERTERS ® Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, radiation level O, unless otherwise specified. Notes 1. Up to 4 watts (80% of full power) is available from either output providing the opposite output is carrying 20% of total power. 2. Shows regulation effect on the minus output during the defined cross loading conditions, with 80% and 20% referring to the total output power of the converter. See Figures 15 and 16. 3. Indefinite short circuit protection not guaranteed above 125°C (case). 4. Recovery time is measured from application of the transient to point at which VOUT is within 1% of VOUT at final value. 5. Guaranteed but not tested. DUAL OUTPUT MODELS SMSA 2805D SMSA2812D SMSA2815D PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX MIN TYP MAX UNITS OUTPUT VOLTAGE +VOUT 4.95 5.00 5.05 11.88 12.00 12.12 14.85 15.00 15.15 VDC –VOUT 4.9 5.0 5.1 11.76 12.00 12.24 14.70 15.00 15.30 OUTPUT CURRENT1 VIN = 16 to 40 VDC Tc = –55°C to +125°C — ±500 800 — ±208 333 — ±167 267 mA OUTPUT POWER1 VIN = 16 to 40 VDC Tc = –55°C to +125°C — — 5 — — 5 — — 5 W OUTPUT RIPPLE VOLT. 10 kHz - 2 MHz — — 300 — 80 300 — 120 300 mV p-p LINE REGULATION Vin = 16 to 40 VDC Tc = –55°C to +125°C +VOUT — 20 100 — 20 100 — 10 50 mV –VOUT — 40 200 — 40 200 — 40 180 LOAD REGULATION NO LOAD TO FULL Tc = –55°C to +125°C +VOUT — 10 120 — 10 120 — 10 50 mV –VOUT — 100 400 — 100 400 — 50 200 CROSS REGULATION2 +PO = 30 - 70 %, –PO =70 - 30% — 5 8 — 3.7 6 — 3 6 % –PO = 30 - 70 %, +PO = 70 - 30% INPUT VOLTAGE NO LOAD TO FULL CONTINUOUS 16 28 40 16 28 40 16 28 40 VDC TRANSIENT5 50 msec — — 50 — — 50 — — 50 V INPUT CURRENT NO LOAD — 30 50 — 40 63 — 38 60 FULL LOAD — 248 — — 235 — — 235 — mA INHIBITED — 3 5 — 3 5 — 3 5 INPUT RIPPLE 10 kHz TO 10 MHz — 50 200 — 50 200 — 50 200 CURRENT Tc = –55°C to +125°C — 60 300 — 60 300 — 60 300 mA p-p EFFICIENCY 65 70 — 67 73 — 68 73 — % LOAD FAULT3, 4 POWER DISSIPATION SHORT CIRCUIT — 1.3 2.1 — 1.3 1.7 — 1.3 1.6 W RECOVERY — — 50 — 1 30 — 1 50 ms STEP LOAD 50% - 100% - 50% BALANCED RESPONSE TRANSIENT — ±200 ±550 — ±200 ±550 — ±220 ±600 mV RECOVERY4, 5 — 200 500 — 200 500 — 200 500 µs STEP LINE RESP.4, 5 TRANSIENT 16 TO 40 VDC — ±200 ±500 — ±200 ±500 — ±600 ±1500 40 TO 16 VDC — ±200 ±500 — ±200 ±500 — ±600 ±1500 mV pk RECOVERY 16 TO 40 VDC — 300 750 — 300 750 — 500 1200 40 TO 16 VDC — 800 2000 — 800 2000 — 500 1200 µs START-UP DELAY — 10 30 — 10 30 — 10 25 ms OVERSHOOT5 — 0 500 — 0 500 — 0 500 mV pk |