| Zakładka z wyszukiwarką danych komponentów |
|
SMSA2815S/KR Arkusz danych(PDF) 1 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
SMSA2815S/KR Arkusz danych(HTML) 1 Page - Interpoint Corporation Company |
|
1 / 12 page ![]() 45 ® SMSA SERIES 5 WATT MODELS VDC OUTPUT DC/DC CONVERTERS 28 VOLT INPUT SINGLE 3.3 5 12 15 DUAL ±5 ±12 ±15 Size (max.): 1.075 x 1.075 x 0.270 inches (27.31 x 27.31 x 6.86 mm) See Figures 23 and 24 for dimensions. Weight: 15 grams maximum. Screening: Space prototype, Class H, or Class K (MIL-PRF-38534) Radiation hardness levels O or R Available configurations: OO, HO, HR, KR DESCRIPTION The SMSA Series™ of high frequency DC/DC converters offers a new standard of performance for low power, space qualified DC/DC converters. SMSA converters provide up to 5 watts output power over the full military temperature range of –55°C to +125°C with up to 76% efficiency. Thick-film hybrid techniques provide military/aero- space reliability levels and optimum miniaturization. The hermeti- cally sealed case is only 1.075 by 1.075 inches — with a height of only 0.270 inches. Power density for the SMSA Series converters is 16 watts per cubic inch. The SMSA Series’ small size, light weight, and hermetically sealed metal packages make them ideal for use in space, military, aerospace and other high reliability applications. SCREENING AND REPORTS SMSA converters offer three screening options – Space prototype Class H, or Class K – and two levels of radiation hardness. See Tables 1 through 3 for more information. Detailed reports on product performance are also available and are listed in Table 4. CONVERTER DESIGN The SMSA converters are switching regulators that use a flyback converter design with a constant switching frequency of 550 kHz. They are regulated, isolated units using a pulse width modulated topology and built as high reliability thick-film hybrids. Isolation between input and output circuits is provided with a transformer in the forward power loop and an optical link in the feedback control loop. Excellent input line transient response and audio rejection is achieved by an advanced feed-forward compensation technique. Negative output regulation is maintained by tightly coupled magnetics. Predictable current limit is accomplished by direct moni- toring of the output load current, which results in a constant current output above the overload point. Internal input and output filters eliminate the need for external capacitors. WIDE VOLTAGE RANGE The SMSA converters are designed to provide full power operation over the full 16 to 40 VDC voltage range. An undervoltage lockout feature keeps the converter shutdown below approximately 13 VDC to ensure smooth initialization. IMPROVED DYNAMIC RESPONSE The SMSA feed-forward compensation system provides excellent dynamic response and noise rejection. Audio rejection is typically 50 dB. The minimum to maximum step line transient response is typi- cally less than 1%. INHIBIT FUNCTION SMSA converters provide a TTL open collector-compatible inhibit feature that can be used to disable internal switching and inhibit the unit’s output. Inhibiting in this manner results in low standby current, and no generation of switching noise. The converter is inhibited when the TTL compatible low ( ≤0.8V) is applied to the inhibit pin. The unit is enabled when the pin, which is internally connected to a pull-up resistor, is left unconnected or is connected to an open collector gate. The open circuit output voltage associated with the inhibit pin is 9 to 11 VDC. In the inhibit mode, a maximum of 4 mA must be sunk from the inhibit pin at 28 VDC input. FEATURES • Fully qualified to Class H or K • Radiation hardened • –55° to +125°C operation • 16 to 40 VDC input • Fully isolated • Optocoupler feedback • Fixed frequency, 550 kHz typical • Topology – Single Ended Flyback • Inhibit function • Indefinite short circuit protection • 5 watts output power • Up to 76% efficiency |
Podobny numer części - SMSA2815S/KR |
|
Podobny opis - SMSA2815S/KR |