Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLM9502 Arkusz danych(PDF) 2 Page - Littelfuse

Numer części PLM9502
Szczegółowy opis  Protection Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLM9502 Arkusz danych(HTML) 2 Page - Littelfuse

  PLM9502 Datasheet HTML 1Page - Littelfuse PLM9502 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Voltage Monitoring Relays
www.littelfuse.com/plm
Rev: 1-A-062116
PLM SERIES
Accessories
BZ1 Front Panel Mount Kit
Provides an easy method of through-the-panel
mounting of 8- pin or 11-pin plug-in timers,
flashers, and other controls.
OT08PC Octal 8-pin Socket
8-pin 35mm DIN rail or surface mount. Rated at
10A @ 600VAC. Surface mounted with two #6
screws or snaps onto a 35 mm DIN rail.
LPSM003ZXID (Indicating),
LPSM003Z (Non-indicating) Fuse Holders
Littelfuse POWR-SAFE Dead Front holders
provide optimum protection to personnel for
Class CC and Midget-Style fuses. 600 VAC/DC
0KLK002.T Midget Fuse (2 Amp)
10 x 38 fast acting, high-interrupting capacity,
current-limiting type fuse. 600 Vac/500 Vdc
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
Specifications
Line Voltage
Type
3-phase delta or wye with no connection
to neutral
Operating Voltage
Model
Adj. Line
Voltage Range
Line Voltage Max
240
200-240VAC
270VAC
380
360-430VAC
480VAC
480
400-480VAC
530VAC
AC Line Frequency
50/100 Hz
Phase Sequence
ABC
Power Consumption
≅ 2W for 240V units
≅ 3W for 380 - 480V units
Low Voltage &
Voltage Unbalance
Type
Voltage detection with delayed
trip & automatic reset
Low Voltage
Trip
88 - 92% of adjusted line voltage
Reset Voltage
Plus 3% of trip voltage
Voltage Unbalance
Trip
Factory fixed from 4 - 8%
Reset on Balance
-0.7% unbalance typical
Trip Delay
Range
Factory fixed from 2 - 20s
Tolerance
±15%
Phase Reversal & Phase Loss
Response Time
≤ 200ms
Phase Loss
> 35% unbalance
Reset
Automatic
Output
Type
Electromechanical relay
Form
Isolated, SPDT
Rating
10A resistive @ 240VAC, 277VAC max;
1/2 Hp @ 240VAC; 1/4 Hp @ 120VAC
Life
Mechanical - 1 x 107; Electrical - 1 x 105
Protection
Surge
IEEE C62.41-1991 Level B
Isolation Voltage
≥ 2500V RMS input to output
Mechanical
Mounting*
8-pin plug-in socket rated 600VAC
Dimensions
H 81.3 mm (3.2”); W 60.7 mm (2.39”);
D 45.2 mm (1.78”)
Environmental
Operating/Storage
Temperature
-40° to 60°C / -40° to 85°C
Weight
≅ 4.4 oz (125 g)
*CAUTION: Select an octal socket rated for 600VAC operation.



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com