Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLM9502 Arkusz danych(PDF) 1 Page - Littelfuse

Numer części PLM9502
Szczegółowy opis  Protection Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLM9502 Arkusz danych(HTML) 1 Page - Littelfuse

  PLM9502 Datasheet HTML 1Page - Littelfuse PLM9502 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Voltage Monitoring Relays
www.littelfuse.com/plm
Rev: 1-A-062116
PLM SERIES
Voltage Monitor
Description
The PLM Series is a 3-phase voltage monitor that continuously
monitors each of the three phases. Monitors both delta and
wye systems and no connection to neutral is required. The
microcontroller circuit design protects against undervoltage,
voltage unbalance, phase loss and phase reversal. Protection is
assured when regenerated voltages are present.
Operation
The output relay is energized and the LED glows green
when all voltages are acceptable and the phase sequence is
correct. Under and unbalanced voltages must be sensed for a
continuous trip delay period before the relay de-energizes. Reset
is automatic upon correction of the fault condition. The output
relay will not energize if a fault condition is sensed as power is
applied. The LED flashes red during the trip delay, then glows
red when the output de-energizes. The LED flashes green/red if
phase reversal is sensed.
Field Adjustment
Set voltage adjustment knob at the desired operating line
voltage for the equipment. This adjustment automatically sets
the undervoltage trip point. Apply power. If the PLM fails to
energize, (LED glows red) check wiring of all three phases,
voltage, and phase sequence. If phase sequence is incorrect,
the LED flashes green/red. To correct this, swap any two
line voltage connections at the mounting socket. No further
adjustment should be required.
Features & Benefits
FEATURES
BENEFITS
Quick octal 8-pin
mounting
Small footprint with universal mounting: ideal
replacement for hundreds of competitive
part numbers.
Proprietary
microcontroller
based circuitry
Constant monitoring of single-phase, low voltage,
high voltage, voltage unbalance, phase reversal.
LED diagnostics
Quick visual indicator for trip versus
normal operation.
Isolated, 10A, SPDT
output contacts
Allows control of loads for AC voltages
Adjustable nominal
voltage set point
Allows setting for specific application
voltage to optimize protection
Simple 3-wire connection
for delta or wye systems
Allows flexibility across wide range of systems
ASME A17.1 Rule 210.6
Complies with safety codes for elevators,
escalators, moving walkways
NEMA MG1 14:30, 14:35
Complies with safety codes for motors
and generators
IEEE C62.41-1991 Level B
Complies with safety codes for surge and
voltage protection
Ordering Information
MODEL
LINE VOLTAGE
VOLTAGE
UNBALANCE (FIXED) TRIP DELAY (FIXED)
PLM6405
240VAC
4%
5 sec
PLM6502
240VAC
5%
2 sec
PLM6805
240VAC
8%
5 sec
PLM8405
380VAC
4%
5 sec
PLM9405
480VAC
4%
5 sec
PLM9502
480VAC
5%
2 sec
PLM9805
480VAC
8%
5 sec
If you don’t find the part you need, call us for a custom product 800-843-8848
Wiring Diagram
F = Fuses
ØA = Phase A = L1
ØB = Phase B = L2
ØC = Phase C = L3
NO = Normally Open
NC = Normally Closed
2A fast acting fuses
recommended for safety
(not required).
Relay contacts are isolated
8-PIN


Podobny numer części - PLM9502

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omega Engineering, Inc.
PLM OMEGA-PLM Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
PLM-1012/2 OMEGA-PLM-1012/2 Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
PLM-106/10-P OMEGA-PLM-106/10-P Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
PLM-112/2-P OMEGA-PLM-112/2-P Datasheet
456Kb / 1P
Polyimide Flexible Heaters with Polyimide Strain Relief
logo
Mean Well Enterprises C...
PLM-12 MEANWELL-PLM-12 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
More results

Podobny opis - PLM9502

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
AF0100 LITTELFUSE-AF0100 Datasheet
347Kb / 1P
Protection Relays and Controls
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
PHS LITTELFUSE-PHS Datasheet
372Kb / 2P
Protection Relays
2016 Rev: 1-A-062116
PLMU11 LITTELFUSE-PLMU11 Datasheet
343Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062116
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLS LITTELFUSE-PLS Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM LITTELFUSE-TVM Datasheet
336Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVW LITTELFUSE-TVW Datasheet
371Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
WVM LITTELFUSE-WVM Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
ZSCT LITTELFUSE-ZSCT Datasheet
332Kb / 2P
Protection Relays Current Transformers
2016 Rev: 1-A-031218
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com