Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XL1003 Arkusz danych(PDF) 1 Page - Mimix Broadband

Numer części XL1003
Szczegółowy opis  24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIMIX [Mimix Broadband]
Strona internetowa  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1003 Arkusz danych(HTML) 1 Page - Mimix Broadband

  XL1003 Datasheet HTML 1Page - Mimix Broadband XL1003 Datasheet HTML 2Page - Mimix Broadband XL1003 Datasheet HTML 3Page - Mimix Broadband XL1003 Datasheet HTML 4Page - Mimix Broadband XL1003 Datasheet HTML 5Page - Mimix Broadband XL1003 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
24.0-40.0 GHz GaAs MMIC
Low Noise Amplifier
Page 1 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
L1003
Mimix Broadband’s three stage output balanced
24.0-40.0 GHz GaAs MMIC low noise amplifier has a
small signal gain of 24.0 dB with a noise figure of 1.7
dB across the band. This MMIC uses Mimix
Broadband’s 0.1 µm GaAs PHEMT device model
technology, and is based upon electron beam
lithography to ensure high repeatability and
uniformity. The chip has surface passivation to protect
and provide a rugged part with backside via holes
and gold metallization to allow either a conductive
epoxy or eutectic solder die attach process. This
device is well suited for Millimeter-wave
Point-to-Point Radio, LMDS, SATCOM and VSAT
applications.
Absolute Maximum Ratings
Features
Balanced Output Stage
Excellent Input/Output Match
Self-biased Architecture
24.0 dB Small Signal Gain
1.7 dB Noise Figure
100% On-Wafer RF, DC and Noise Figure Testing
100% Visual Inspection to MIL-STD-883
Method 2010
General Description
Supply Voltage (Vd)
Supply Current (Id)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+5.5 VDC
130 mA
-5.0/-1.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
Chip Device Layout
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness ( S21)
Reverse Isolation (S12)
Noise Figure (NF)
Output Power for 1 dB Compression (P1dB)
Output Third Order Intercept Point (OIP3)
Drain Bias Voltage (Vd)
Supply Current (Id)
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Units
GHz
dB
dB
dB
dB
dB
dB
dBm
dBm
VDC
mA
Min.
24.0
8.0
10.0
20.0
-
-
-
+9.0
-
-
-
Typ.
-
12.0
15.0
24.0
+/-1.5
-
1.7
+11.0
-
+5.0
65
Max.
32.0
-
-
-
-
-
2.5
-
-
-
-
1
(2) See plots for additional information.
Min.
32.0
5.0
10.0
15.0
-
-
-
+9.0
-
-
-
Typ.
-
12.0
14.0
21.0
+/-3.5
-
1.8
+11.0
-
+5.0
65
Max.
40.0
-
-
-
-
-
2.5
-
-
+5.5
-
2
2
May 2006 - Rev 10-May-06


Podobny numer części - XL1003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XL1003-BD MIMIX-XL1003-BD Datasheet
175Kb / 6P
24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1003-BD-000V MIMIX-XL1003-BD-000V Datasheet
175Kb / 6P
24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1003-BD-000W MIMIX-XL1003-BD-000W Datasheet
175Kb / 6P
24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1003-BD-EV1 MIMIX-XL1003-BD-EV1 Datasheet
175Kb / 6P
24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
More results

Podobny opis - XL1003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
28MPA0304 MIMIX-28MPA0304 Datasheet
345Kb / 6P
24.0-34.0 GHz GaAs MMIC Power Amplifier
XL1000 MIMIX-XL1000 Datasheet
953Kb / 7P
20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XP1000 MIMIX-XP1000 Datasheet
995Kb / 6P
17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1010 MIMIX-XP1010 Datasheet
170Kb / 7P
21.0-24.0 GHz GaAs MMIC Power Amplifier
XP1011 MIMIX-XP1011 Datasheet
156Kb / 6P
36.0-40.0 GHz GaAs MMIC Power Amplifier
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1023-BD MIMIX-XP1023-BD Datasheet
274Kb / 6P
24.0-34.0 GHz GaAs MMIC Power Amplifier
XL1000-BD MIMIX-XL1000-BD Datasheet
268Kb / 7P
20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1003-BD MIMIX-XL1003-BD Datasheet
175Kb / 6P
24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com