Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XL1003 Arkusz danych(PDF) 5 Page - Mimix Broadband

Numer części XL1003
Szczegółowy opis  24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIMIX [Mimix Broadband]
Strona internetowa  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1003 Arkusz danych(HTML) 5 Page - Mimix Broadband

  XL1003 Datasheet HTML 1Page - Mimix Broadband XL1003 Datasheet HTML 2Page - Mimix Broadband XL1003 Datasheet HTML 3Page - Mimix Broadband XL1003 Datasheet HTML 4Page - Mimix Broadband XL1003 Datasheet HTML 5Page - Mimix Broadband XL1003 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
24.0-40.0 GHz GaAs MMIC
Low Noise Amplifier
Page 5 of 6
App Note [1] Biasing - As shown in the bonding diagram, this device operates using a self-biased architecture and only
requires a single bias voltage. Bias is nominally Vd=5V, Id=65mA.
App Note [2] Bias Arrangement - The DC pad (Vd) should be connected to one DC bypass capacitor (~100-200 pF).
Additional DC bypass capacitance (~0.01 µf ) is also recommended. Capacitance should be as close to the device as
possible.
MTTFTable (TBD)
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
deg Celsius
deg Celsius
deg Celsius
FITs
E+
E+
E+
MTTF Hours
E+
E+
E+
Rth
C/W
C/W
C/W
Bias Conditions: Vd=5.0V, Id=65 mA
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
L1003
May 2006 - Rev 10-May-06



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com