Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPSI2140-Q1 Arkusz danych(PDF) 24 Page - Texas Instruments

Numer części TPSI2140-Q1
Szczegółowy opis  TPSI2140-Q1 1200-V, 50-mA, Automotive Isolated Switch with 2-mA Avalanche Rating
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPSI2140-Q1 Arkusz danych(HTML) 24 Page - Texas Instruments

Back Button TPSI2140-Q1_V01 Datasheet HTML 20Page - Texas Instruments TPSI2140-Q1_V01 Datasheet HTML 21Page - Texas Instruments TPSI2140-Q1_V01 Datasheet HTML 22Page - Texas Instruments TPSI2140-Q1_V01 Datasheet HTML 23Page - Texas Instruments TPSI2140-Q1_V01 Datasheet HTML 24Page - Texas Instruments TPSI2140-Q1_V01 Datasheet HTML 25Page - Texas Instruments TPSI2140-Q1_V01 Datasheet HTML 26Page - Texas Instruments TPSI2140-Q1_V01 Datasheet HTML 27Page - Texas Instruments TPSI2140-Q1_V01 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
11.2 Layout Example
Maintain
Creepage
Distance
7mm
16mm
>3mm
>3mm
Top Layer
1 VDD
2 GND
3 EN
Figure 11-1. TPSI2140-Q1 Layout Recommendation for Optimized Thermals: Top Layer 1
TPSI2140-Q1
SLVSFR3A – APRIL 2022 – REVISED NOVEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPSI2140-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com