| Zakładka z wyszukiwarką danych komponentów |
|
FT801Q-R Arkusz danych(PDF) 38 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
FT801Q-R Arkusz danych(HTML) 38 Page - Bridgetek Pte Ltd. |
|
38 / 44 page ![]() Copyright © Bridgetek Pte Ltd 38 FT801 Embedded Video Engine Datasheet Version 1.3 Document Reference No.: BRT_000001 Clearance No.: BRT#003 8.2 VQFN-48 Package Dimensions Figure 8-1 VQFN-48 Package Dimensions 8.3 Solder Reflow Profile The FT801 is supplied in a Pb free VQFN-48 package. The recommended solder reflow profile for the package is shown in Figure 8-2. Figure 8-2 FT801 Solder Reflow Profile The recommended values for the solder reflow profile are detailed in Table 8-1. Values are shown for both a completely Pb free solder process (i.e. the FT801 is used with Pb free solder), and for a non-Pb free solder process (i.e. the FT801 is used with non-Pb free solder). Critical Zone: when T is in the range T to T Time, t (seconds) 25 P T = 25º C to T tp Tp TL t Preheat S t L Ramp Up L p Ramp Down T Max S T Min S |