Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M1355 Arkusz danych(PDF) 2 Page - MOSDESIGN SEMICONDUCTOR CORP

Numer części M1355
Szczegółowy opis  3-CHANNEL RGB LED LAMP DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Strona internetowa  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M1355 Arkusz danych(HTML) 2 Page - MOSDESIGN SEMICONDUCTOR CORP

  M1355 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M1355 Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M1355 Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M1355 Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M1355 Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP M1355 Datasheet HTML 6Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
2009-12-17
3-CHANNEL RGB LED LAMP DRIVER
LED DRIVER
M1355
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
PIN ASSIGNMENT
PIN DESCRIPTION
NO.
Pin Name
Type
Description
1 , 13
NC
No Connection
2
REXT
INPUT
External Resistor For Setting Up Output Current For All Output Channels
3
LATI
INPUT
Latch Signal Input For 8-Bit Latches
4
SDAI
INPUT
Serial Data Input
5
CLKI
INPUT
System Clock Input
6
VSS
GND
Negative power supply
7~9
OUT1~3
OUTPUT NMOS Output Driver(open-drain)
10
CLKO
OUTPUT System Clock Output
11
SDAO
OUTPUT Serial Data Output
12
LATO
OUTPUT Latch Signal Output For 8-Bit Latches
14
VDD
POWER Positive power supply
REXT
LATI
M1355
LATO
N.C
VDD
N.C
114
78
CLKI
CLKO
VSS
OUT1
OUT2
SDAI
SDAO
OUT3



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com