Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M1355 Arkusz danych(PDF) 3 Page - MOSDESIGN SEMICONDUCTOR CORP

Numer części M1355
Szczegółowy opis  3-CHANNEL RGB LED LAMP DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Strona internetowa  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M1355 Arkusz danych(HTML) 3 Page - MOSDESIGN SEMICONDUCTOR CORP

  M1355 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M1355 Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M1355 Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M1355 Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M1355 Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP M1355 Datasheet HTML 6Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
2009-12-17
3-CHANNEL RGB LED LAMP DRIVER
LED DRIVER
M1355
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Rating
Unit
Supply Voltage
VDD
3.5 ~ 6
V
Logic Input Voltage
VIN
-0.3 ~ +0.3
V
Clock Frequency
FCLK
660
KHz
Output Sustaining Voltage
VDS
6V
Output Continuous Current, Each Channel
IOUT
20
mA
Power Dissipation, Each Channel
PDISP
100
mW
Operating Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTR
-60 ~ +150
ELECTRICAL CHARACTERISTICS
(VDD=5V, Ta=25℃, Unless Otherwise Specified)
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
3.3
5.0
5.5
V
Output Voltage
VDS
OUT1, OUT2, OUT3 terminals
──
5.5
V
Output Current
IOUT
DC Test Circuit
5
40
mA
“H”
level
VIH
Ta = -20~85ºC
0.7 VDD
VDD
V
Input
Voltage
“L”
level
VIL
Ta = -20~85ºC
0
0.3 VDD
V
Output Leakage Current
IOH
VOH = 5.0V
0
μA
OUT1
IOUT 1
VDS = 1.0V, Rex t = 6.2KΩ
GBLUE = (1,1,1,1,1,1,1,1)
20
mA
OUT2
IOUT 2
VDS = 1.0V, Rext = 6.2KΩ
GGREEN = (1,1,1,1,1,1,1,1)
20
mA
OUT3
IOUT 3
VDS =1.0V, Rext = 6.2KΩ
GRED = (1,1,1,1,1,1,1,1)
20
mA
Current Skew
ΔIOUT
IOUT = 20mA
VDS = 1.0V
Rext = 6.2KΩ
±10
%
VDD within 2.7V and 3.3V,
Rext = 6.2KΩ
±20
Output Current
Variation vs. Supply
Voltage Variation
VDD within 4.5V and 5.5V,
Rext = 6.2KΩ
±10
%
Pull-down Resistor
RIN
LATI
250
KΩ
“OUT Off”
IDD (Off) 1
Rext =6.2KΩ, OUT1~OUT3 = Off,
VDD = 3.3V
12
“OUT On”
IDD (Off) 1
Rext =6.2KΩ, OUT1~OUT3 = On,
VDD = 3.3V
12
“OUT Off”
IDD (Off) 1
Rext =6.2KΩ, OUT1~OUT3 = Off,
VDD = 5V
23
Supply
Current
“OUT On”
IDD (Off) 1
Rext =6.2KΩ, OUT1~OUT3 = On,
VDD = 5V
23
mA



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com