Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC241LP3 Arkusz danych(PDF) 5 Page - Hittite Microwave Corporation

Numer części HMC241LP3
Szczegółowy opis  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITTITE [Hittite Microwave Corporation]
Strona internetowa  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC241LP3 Arkusz danych(HTML) 5 Page - Hittite Microwave Corporation

  HMC241LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8
8 - 106
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
be generated with proper RF circuit design tech-
niques. Signal lines at the RF port should have 50
ohm impedance and the package ground leads and
package bottom should be connected directly to the
ground plane similar to that shown above. The eval-
uation circuit board shown above is available from
Hittite Microwave Corporation upon request.
List of Materials for Evaluation PCB 108333 [1]
Item
Description
J1 - J7
PCB Mount SMA RF Connector
J8 - J11
DC Pin
C1 - C7
100 pF Capacitor, 0402 Pkg.
C8
10k pF Capacitor, 0603 Pkg.
U1
HMC241LP3 / HMC241LP3E SP4T Switch
PCB [2]
104708 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 4.0 GHz
v01.0905
HMC241LP3 / 241LP3E



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com