| Zakładka z wyszukiwarką danych komponentów |
|
DRA821U2...ALM Arkusz danych(PDF) 54 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U2...ALM Arkusz danych(HTML) 54 Page - Texas Instruments |
|
54 / 252 page ![]() Table 6-6. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] ALF [4] WKUP_GPIO0_13 General Purpose Input/Output IO D20 WKUP_GPIO0_14 General Purpose Input/Output IO E20 WKUP_GPIO0_15 General Purpose Input/Output IO E21 WKUP_GPIO0_16 General Purpose Input/Output IO B6 WKUP_GPIO0_17 General Purpose Input/Output IO C8 WKUP_GPIO0_18 General Purpose Input/Output IO B7 WKUP_GPIO0_19 General Purpose Input/Output IO D8 WKUP_GPIO0_20 General Purpose Input/Output IO C7 WKUP_GPIO0_21 General Purpose Input/Output IO C5 WKUP_GPIO0_22 General Purpose Input/Output IO A5 WKUP_GPIO0_23 General Purpose Input/Output IO A6 WKUP_GPIO0_24 General Purpose Input/Output IO B8 WKUP_GPIO0_25 General Purpose Input/Output IO A8 WKUP_GPIO0_26 General Purpose Input/Output IO A7 WKUP_GPIO0_27 General Purpose Input/Output IO D6 WKUP_GPIO0_28 General Purpose Input/Output IO D7 WKUP_GPIO0_29 General Purpose Input/Output IO D11 WKUP_GPIO0_30 General Purpose Input/Output IO C6 WKUP_GPIO0_31 General Purpose Input/Output IO D5 WKUP_GPIO0_43 General Purpose Input/Output IO A11 WKUP_GPIO0_44 General Purpose Input/Output IO C12 WKUP_GPIO0_45 General Purpose Input/Output IO B12 WKUP_GPIO0_46 General Purpose Input/Output IO B11 WKUP_GPIO0_47 General Purpose Input/Output IO D10 WKUP_GPIO0_48 General Purpose Input/Output IO A12 WKUP_GPIO0_49 General Purpose Input/Output IO B10 WKUP_GPIO0_50 General Purpose Input/Output IO C10 WKUP_GPIO0_51 General Purpose Input/Output IO A10 WKUP_GPIO0_52 General Purpose Input/Output IO B9 WKUP_GPIO0_53 General Purpose Input/Output IO A9 WKUP_GPIO0_54 General Purpose Input/Output IO C9 WKUP_GPIO0_55 General Purpose Input/Output IO D9 WKUP_GPIO0_56 General Purpose Input/Output IO C13 WKUP_GPIO0_57 General Purpose Input/Output IO A20 WKUP_GPIO0_58 General Purpose Input/Output IO B17 WKUP_GPIO0_59 General Purpose Input/Output IO A19 WKUP_GPIO0_60 General Purpose Input/Output IO B14 WKUP_GPIO0_61 General Purpose Input/Output IO A14 WKUP_GPIO0_62 General Purpose Input/Output IO A16 WKUP_GPIO0_63 General Purpose Input/Output IO A17 WKUP_GPIO0_64 General Purpose Input/Output IO F20 WKUP_GPIO0_65 General Purpose Input/Output IO H21 WKUP_GPIO0_66 General Purpose Input/Output IO G21 WKUP_GPIO0_67 General Purpose Input/Output IO G20 WKUP_GPIO0_68 General Purpose Input/Output IO C15 DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 www.ti.com 54 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: DRA821U-Q1 |