Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DRA821U2...ALM Arkusz danych(PDF) 88 Page - Texas Instruments

Numer części DRA821U2...ALM
Szczegółowy opis  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Arkusz danych(HTML) 88 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 84Page - Texas Instruments DRA821U2...ALM Datasheet HTML 85Page - Texas Instruments DRA821U2...ALM Datasheet HTML 86Page - Texas Instruments DRA821U2...ALM Datasheet HTML 87Page - Texas Instruments DRA821U2...ALM Datasheet HTML 88Page - Texas Instruments DRA821U2...ALM Datasheet HTML 89Page - Texas Instruments DRA821U2...ALM Datasheet HTML 90Page - Texas Instruments DRA821U2...ALM Datasheet HTML 91Page - Texas Instruments DRA821U2...ALM Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 252 page
background image
Table 6-106. Pin Multiplexing (continued)
ADDR
ESS
OFFSE
T
REGISTER
NAME
BALL
NUMB
ER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Bootstrap
0x1C0
EC
PADCONFIG_59
N19
MMC1_DA
T3
UART7_RX
D
PCIE1_CL
KREQn
TIMER_IO
0
GPIO0_62
SPI1_CS0
UART0_CT
Sn
I2C3_SCL
UART5_RX
D
0x1C0
F0
WKUP_PADCON
FIG_60
D19
MCU_UAR
T0_TXD
MCU_SPI0
_CS1
WKUP_GP
IO0_12
MCU_BOO
TMODE08
0x1C0
F0
PADCONFIG_60
N20
MMC1_DA
T2
UART7_TX
D
TIMER_IO
1
GPIO0_63
SPI1_CS1
CPTS0_TS
_SYNC
I2C3_SDA
UART5_TX
D
0x1C0
F4
PADCONFIG_61
N21
MMC1_DA
T1
UART7_CT
Sn
ECAP0_IN
_APWM_O
UT
TIMER_IO
2
UART4_RX
D
GPIO0_64
SPI1_CS2
UART5_CT
Sn
I2C4_SDA
UART2_RX
D
0x1C0
F4
WKUP_PADCON
FIG_61
D20
MCU_UAR
T0_RXD
MCU_SPI1
_CS1
WKUP_GP
IO0_13
MCU_BOO
TMODE09
0x1C0
F8
PADCONFIG_62
M19
MMC1_DA
T0
UART7_RT
Sn
ECAP1_IN
_APWM_O
UT
TIMER_IO
3
UART4_TX
D
GPIO0_65
SPI1_D0
UART5_RT
Sn
I2C4_SCL
UART2_TX
D
0x1C0
F8
WKUP_PADCON
FIG_62
E20
MCU_UAR
T0_CTSn
MCU_SPI0
_CS2
MCU_TIME
R_IO8
WKUP_GP
IO0_14
MCU_BOO
TMODE06
0x1C0
FC
WKUP_PADCON
FIG_63
E21
MCU_UAR
T0_RTSn
MCU_SPI1
_CS2
MCU_TIME
R_IO9
WKUP_GP
IO0_15
MCU_BOO
TMODE07
0x1C10
0
PADCONFIG_64
P21
MMC1_CL
K
UART8_RX
D
TIMER_IO
4
UART4_CT
Sn
GPIO0_66
SPI1_CLK
UART0_RT
Sn
I2C6_SDA
0x1C10
0
WKUP_PADCON
FIG_64
F20
WKUP_I2C
0_SCL
WKUP_GP
IO0_64
0x1C10
4
PADCONFIG_65
M20
MMC1_CM
D
UART8_TX
D
TIMER_IO
5
UART4_RT
Sn
GPIO0_67
SPI1_D1
I2C6_SCL
0x1C10
4
WKUP_PADCON
FIG_65
H21
WKUP_I2C
0_SDA
WKUP_GP
IO0_65
0x1C10
8
WKUP_PADCON
FIG_66
G21
MCU_I2C0
_SCL
WKUP_GP
IO0_66
0x1C10
8
PADCONFIG_66
U2
RESETSTA
Tz
0x1C10
C
WKUP_PADCON
FIG_67
G20
MCU_I2C0
_SDA
WKUP_GP
IO0_67
0x1C11
0
WKUP_PADCON
FIG_68
C15
PMIC_PO
WER_EN1
MCU_I3C0
_SDAPULL
EN
WKUP_GP
IO0_68
0x1C11
0
PADCONFIG_68
V2
SOC_SAF
ETY_ERR
ORn
0x1C11
4
WKUP_PADCON
FIG_69
G18
MCU_SAF
ETY_ERR
ORn
0x1C11
8
WKUP_PADCON
FIG_70
A18
MCU_RES
ETz
0x1C11
C
PADCONFIG_71
U4
TMS
0x1C11
C
WKUP_PADCON
FIG_71
B13
MCU_RES
ETSTATz
WKUP_GP
IO0_79
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
88
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More