Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AOK150V120X2Q Arkusz danych(PDF) 7 Page - Alpha & Omega Semiconductors

Numer części AOK150V120X2Q
Szczegółowy opis  1200 V αSiC Silicon Carbide Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AOSMD [Alpha & Omega Semiconductors]
Strona internetowa  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOK150V120X2Q Arkusz danych(HTML) 7 Page - Alpha & Omega Semiconductors

  AOK150V120X2Q Datasheet HTML 1Page - Alpha & Omega Semiconductors AOK150V120X2Q Datasheet HTML 2Page - Alpha & Omega Semiconductors AOK150V120X2Q Datasheet HTML 3Page - Alpha & Omega Semiconductors AOK150V120X2Q Datasheet HTML 4Page - Alpha & Omega Semiconductors AOK150V120X2Q Datasheet HTML 5Page - Alpha & Omega Semiconductors AOK150V120X2Q Datasheet HTML 6Page - Alpha & Omega Semiconductors AOK150V120X2Q Datasheet HTML 7Page - Alpha & Omega Semiconductors AOK150V120X2Q Datasheet HTML 8Page - Alpha & Omega Semiconductors AOK150V120X2Q Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev. 1.1 September 2021
www.aosmd.com
Page 7 of 9
AOK150V120X2Q
ALPHA & OMEGA
SEMIC ONDUCT OR
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
15V
Qg
Qgs
Qgd
Charge
Vgs
Vds
10%
90%
t
tr
d(on)
ton
td(off)
tf
toff
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
L
Vgs
Vds
Id
Vgs
BV
I
Ig
Vgs
-
+
VDC
DUT
L
Vds
Vgs
Vds
Isd
Isd
Vds -
Vds +
IF
AR
DSS
2
E = 1/2 LI
dI/dt
IRM
rr
Vdd
Vdd
Q = - Idt
AR
AR
trr
Test Circuits and Waveforms
Figure 22. Diode Recovery Test Circuits and Waveforms
Figure 19. Gate Charge Test Circuits and Waveforms
Figure 20. Inductive Switching Test Circuit and Waveforms
Figure 21. Unclamped Inductive Switching (UIS) Test Circuit and Waveforms



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com