Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IS43R16800A1 Arkusz danych(PDF) 1 Page - Integrated Silicon Solution, Inc

Numer części IS43R16800A1
Szczegółowy opis  8Meg x 16 128-MBIT DDR SDRAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISSI [Integrated Silicon Solution, Inc]
Strona internetowa  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43R16800A1 Arkusz danych(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS43R16800A1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. 00A
04/17/06
ISSI®
IS43R16800A1
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
FEATURES
Clock Frequency: 200, 166 MHz
Power supply (VDD and VDDQ): 2.6V
SSTL 2 interface
Four internal banks to hide row Pre-charge
and Active operations
Commands and addresses register on positive
clock edges (CK)
Bi-directional Data Strobe signal for data cap-
ture
Differential clock inputs (CK and CK) for
two data accesses per clock cycle
Data Mask feature for Writes supported
DLL aligns data I/O and Data Strobe transitions
with clock inputs
Programmable burst length for Read and Write
operations
Programmable CAS Latency (2.5, 3 clocks)
Programmable burst sequence: sequential or
interleaved
Burst concatenation and truncation supported
for maximum data throughput
Auto Pre-charge option for each Read or Write
burst
4096 refresh cycles every 64ms
Auto Refresh and Self Refresh Modes
Pre-charge Power Down and Active Power
Down Modes
Lead-free Availability
8Meg x 16
128-MBIT DDR SDRAM
PRELIMINARY INFORMATION
APRIL 2006
IS43R16800A1
1M x16x8 Banks
VDD: 2.6V
VDDQ: 2.6V
66-pin TSOP-II
DEVICE OVERVIEW
ISSI’s 128-Mbit DDR SDRAM achieves high-speed data
transfer using pipeline architecture and two data word
accesses per clock cycle. The 134,217,728-bit memory
array is internally organized as four banks of 32M-bit to
allow concurrent operations. The pipeline allows Read
and Write burst accesses to be virtually continuous, with
the option to concatenate or truncate the bursts. The
programmable features of burst length, burst sequence
and CAS latency enable further advantages. The device
is available in 16-bit data word size. Input data is regis-
tered on the I/O pins on both edges of Data Strobe
signal(s), while output data is referenced to both edges of
Data Strobe and both edges of CK. Commands are
registered on the positive edges of CK. Auto Refresh,
Active Power Down, and Pre-charge Power Down modes
are enabled by using clock enable (CKE) and other
inputs in an industry-standard sequence. All input and
output voltage levels are compatible with SSTL 2.
KEY TIMING PARAMETERS
Parameter
-5
Unit
DDR400
Clock Cycle Time
CAS Latency = 3
5
ns
CAS Latency = 2.5
6
ns
CAS Latency = 2
ns
Clock Frequency
CAS Latency = 3
200
MHz
CAS Latency = 2.5
166
MHz
CAS Latency = 2
MHz


Podobny numer części - IS43R16800A1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Silicon Solu...
IS43R16800A-6 ISSI-IS43R16800A-6 Datasheet
1Mb / 47P
8Meg x 16 128-MBIT DDR SDRAM
IS43R16800A-6T ISSI-IS43R16800A-6T Datasheet
1Mb / 47P
8Meg x 16 128-MBIT DDR SDRAM
IS43R16800A-6TL ISSI-IS43R16800A-6TL Datasheet
1Mb / 47P
8Meg x 16 128-MBIT DDR SDRAM
More results

Podobny opis - IS43R16800A1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mosel Vitelic, Corp
V58C365164S MOSEL-V58C365164S Datasheet
516Kb / 44P
64 Mbit DDR SDRAM 4M X 16, 3.3VOLT
logo
Integrated Circuit Solu...
IC43R32400 ICSI-IC43R32400 Datasheet
3Mb / 18P
1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
logo
Integrated Silicon Solu...
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS43R16160A ISSI-IS43R16160A Datasheet
770Kb / 56P
16Meg x 16 256-MBIT DDR SDRAM
IS43R16320A ISSI-IS43R16320A Datasheet
235Kb / 18P
32Meg x 16 512-MBIT DDR SDRAM
IS43R16800A-6 ISSI-IS43R16800A-6 Datasheet
1Mb / 47P
8Meg x 16 128-MBIT DDR SDRAM
IS43R32400A ISSI-IS43R32400A Datasheet
1Mb / 25P
4Meg x 32 128-MBIT DDR SDRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com