Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSCF3218 Arkusz danych(PDF) 3 Page - Shenzhen Codaca Electronic Co.,Ltd

Numer części CSCF3218
Szczegółowy opis  High Current Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Strona internetowa  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSCF3218 Arkusz danych(HTML) 3 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSCF3218 Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSCF3218 Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSCF3218 Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSCF3218 Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSCF3218 Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 / 5
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
High Current Power Inductor
CSCF3218 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice.Please check web site for latest information.
Revised: 07/14/2020
5 Packing Specification
5.1 Plastic Tray Dimensions (mm)
5.2 Packing(mm)
L
typ
W
typ
H
typ
No. of Tray
(Pcs)
Packaging
Unit(Pcs)
Material
265
205
25
1
9
Paper
Packaging
Unit (Pcs)
Material
9
APET
L typ
W typ
H typ
No. of Inner Carton
Packaging Unit( Pcs)
Material
275
232
261
9
81
Paper
Marking
Code
245
140
70
195 110
55
21



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com