Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPD09P06PLG Arkusz danych(PDF) 3 Page - Infineon Technologies AG

Numer części SPD09P06PLG
Szczegółowy opis  SIPMOS Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD09P06PLG Arkusz danych(HTML) 3 Page - Infineon Technologies AG

  SPD09P06PLG Datasheet HTML 1Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 2Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 3Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 4Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 5Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 6Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 7Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 8Page - Infineon Technologies AG SPD09P06PLG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
20
11-10-12
Rev 2.6
Page 3
SPD09P06PL
G
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS2*ID*RDS(on)max ,
ID=-5.4
1.8
3.5
-
S
Input capacitance
Ciss
VGS=0V, VDS=-25V,
f
=1MHz
-
360
450
pF
Output capacitance
Coss
-
103
130
Reverse transfer capacitance
Crss
-
40
50
Turn-on delay time
td(on)
VDD=-30V, VGS=-4.5V,
ID=-5.4, RG=6
-
11
17
ns
Rise time
tr
VDD=-30V, VGS=-4.5V,
ID=-5.4A, RG=6
-
168
252
Turn-off delay time
td(off)
-
49
74
Fall time
tf
-
89
134
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=-48V, ID=-9.7A
-
1.3
2
nC
Gate to drain charge
Qgd
-
5.1
7.5
Gate charge total
Qg
VDD=-48V, ID=-9.7A,
VGS=0 to -10V
-
14
21
Gate plateau voltage
V(plateau) VDD=-48V, ID=-9.7A
-
-4.1
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TC=25°C
-
-
-9.7
A
Inverse diode direct current,
pulsed
ISM
-
-
-38.8
Inverse diode forward voltage VSD
VGS=0V, IF=-9.7A
-
-1.1
-1.4
V
Reverse recovery time
trr
VR=-30V, IF=lS,
diF/dt=100A/µs
-
52
76
ns
Reverse recovery charge
Qrr
-
64
96
nC



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com