| Zakładka z wyszukiwarką danych komponentów |
|
VIPER113LSTR Arkusz danych(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER113LSTR Arkusz danych(HTML) 19 Page - STMicroelectronics |
|
19 / 37 page ![]() DS11873 Rev 5 19/37 VIPer11 General description 37 5.5 Soft-start The internal soft-start function of the device progressively increases the cycle-by-cycle current limitation set point from zero up to IDLIM in 8 steps. The soft-start time, tSS, is internally set at 8 ms. This function is activated at any attempt of converter startup and at any restart after a fault event. The feature protects the system at startup, when the converter would run at its maximum drain current limitation because the output capacitor is fully discharged and behaves like a short-circuit. Figure 28. Soft startup 5.6 Oscillator The IC embeds a fixed frequency oscillator with jittering feature. The switching frequency is modulated by approximately ± 7% kHz FOSC at 260 Hz rate. The purpose of the jittering is to get a spread-spectrum action that distributes the energy of each harmonic of the switching frequency over a number of frequency bands, having the same energy on the whole but smaller amplitudes. This helps to reduce the conducted emissions, especially when measured with the average detection method or, which is the same, to pass the EMI tests with an input filter of smaller size than that needed in absence of jittering feature. Three options with different switching frequencies, FOSC, are available: 30 (X type), 60 kHz (L type) and 120 kHz (H type). |