Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VIPER113LSTR Arkusz danych(PDF) 23 Page - STMicroelectronics

Numer części VIPER113LSTR
Szczegółowy opis  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER113LSTR Arkusz danych(HTML) 23 Page - STMicroelectronics

Back Button VIPER113LSTR Datasheet HTML 19Page - STMicroelectronics VIPER113LSTR Datasheet HTML 20Page - STMicroelectronics VIPER113LSTR Datasheet HTML 21Page - STMicroelectronics VIPER113LSTR Datasheet HTML 22Page - STMicroelectronics VIPER113LSTR Datasheet HTML 23Page - STMicroelectronics VIPER113LSTR Datasheet HTML 24Page - STMicroelectronics VIPER113LSTR Datasheet HTML 25Page - STMicroelectronics VIPER113LSTR Datasheet HTML 26Page - STMicroelectronics VIPER113LSTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
DS11873 Rev 5
23/37
VIPer11
General description
37
5.12
Max. duty cycle counter protection
The IC embeds a max. duty cycle counter, which disables the PWM if the MOSFET is turned
off by max. duty cycle (70% min., 80% max.) for ten consecutive switching cycles. After
protection tripping, the PWM is stopped for tRESTART and then activated again with soft- start
phase until the fault condition is removed.
In some cases (i.e. breaking of the loop) even if VCOMP is saturated high, the OLP cannot be
triggered because at every switching cycle the PWM is turned off by maximum duty cycle
before than DRAIN peak current reaches the IDLIM setpoint. As a result, the output voltage
VOUT can increase without control by keeping a value much higher than the nominal one
with the risk for the output capacitor, the output diode and the IC itself. The max. duty cycle
counter protection avoids this kind of failures.
5.13
VCC clamp protection
This protection can occur when the IC is supplied by auxiliary winding or diode from the
output voltage, when an output overvoltage produces an increase of VCC.
If VCC reaches the clamp level VCCclamp (30 V, min. referred to GND) the current injected
into the pin is monitored and if it exceeds the internal threshold Iclamp_max (30 mA, typ.) for
more than tclamp_max (500 μs, typ.), the PWM is disabled for tRESTART (1 s, typ.) and then
activated again in soft-start phase. The protection is disabled during the soft-start time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37