| Zakładka z wyszukiwarką danych komponentów |
|
LM2904W Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM2904W Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 28 page ![]() 9. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins. Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 3 to 30 V Vicm Common mode input voltage range Tamb = 25 °C VCC- to VCC+ - 1.5 Common mode input voltage range Tmin ≤ Tamb ≤ Tmax VCC- to VCC+ - 2 Toper Operating free-air temperature range -40 to 125 °C LM2904, LM2904A, LM2904W, LM2904AW Absolute maximum ratings and operating conditions DS0508 - Rev 20 page 5/28 |