| Zakładka z wyszukiwarką danych komponentów |
|
LM2904W Arkusz danych(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM2904W Arkusz danych(HTML) 24 Page - STMicroelectronics |
|
24 / 28 page ![]() Date Revision Changes Removed “plastic micropackage” from SO8 and DFN8 2x2 package silhouettes; removed “thin shrink small outline package” from TSSOP8 package silhouette Table 3: unit of VOL parameter changed from “V” to ‘mV” DFN8 2x2 package information: updated “L” TSSOP8 package information: “aaa” is a typ. value not a max value 15-Feb-2019 18 Added new part numbers LM2904W, LM2904AW, Figure 2. Schematic diagram (LM2904W, LM2904AW) and Table 2. Operating conditions. Updated: Table 1. Absolute maximum ratings, Section 4 Electrical characteristics and Section 9 Ordering information 26-Apr-2021 19 Added new Iin row parameter in Table 1. Absolute maximum ratings. 02-Aug-2022 20 Added new Section 8.2 DFN8 2 x 2 wettable flank package information and new LM2904YQ6T order code in Table 9. LM2904, LM2904A, LM2904W, LM2904AW DS0508 - Rev 20 page 24/28 |