| Zakładka z wyszukiwarką danych komponentów |
|
FS32R274VCK2VMM Arkusz danych(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS32R274VCK2VMM Arkusz danych(HTML) 18 Page - NXP Semiconductors |
|
18 / 78 page ![]() Figure 2. SMPS External Components Configuration Table 10. SMPS External Components Ref Description M1 SI3443, 2SQ2315 L1 2.2 uH 3A < 100 mΩ series resistance (Ex. Bourns SRU8043-2R2Y) D1 SS8P3L 8A Schottcky Diode R1 24 kΩ C1 10 μF Ceramic C2 100 nF Ceramic C3 100 nF Ceramic (place close to inductor) C4 10 uF Ceramic (place close to inductor) C5 1 nF Ceramic C6 4 x 100 nF + 4 x 10nF Ceramic (place close to MCU supply pins) C7 4 x 10 μF Ceramic (place close to MCU supply pins) C8 100 nF Ceramic C9 1 μF Ceramic (Unless C1 is really close to the pin) General S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021 18 NXP Semiconductors |