Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS32R274VCK2VMM Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części FS32R274VCK2VMM
Szczegółowy opis  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2VMM Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button FS32R274VCK2VMM Datasheet HTML 6Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 7Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 8Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 9Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 10Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 11Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 12Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 13Page - NXP Semiconductors FS32R274VCK2VMM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
Part identification
3.1 Description
Part numbers for the chip have fields that identify the specific part. You can use the
values of these fields to determine the specific part you have received.
3.2 Fields
This section lists the possible values for each field in the part number (not all
combinations are valid):
Table 2. Configuration
257MAPBGA
Configuration
Performance
Temperature
FS32R274KSK2MMM
S
K
M
FS32R274KCK2MMM
C
K
M
FS32R274VBK2MMM
B
V
M
FS32R274VCK2MMM
C
V
M
FS32R274KSK2VMM
S
K
V
FS32R274KCK2VMM
C
K
V
FS32R274VBK2VMM
B
V
V
FS32R274VCK2VMM
C
V
V
FS32R274JSK2MMM
S
J
M
FS32R264KBK0MMM
B
K
M
FS32R264KCK0MMM
C
K
M
FS32R264JBK0MMM
B
J
M
FS32R264JCK0MMM
C
J
M
Table 3. Configuration
Configuration
2 MB Flash
1.5 MB RAM
CSE
B or S
Yes
Yes
Yes
C
Yes
Yes
No
Table 4. Performance
Perf (MHz)
Z7
Z7
Z4
Z4
K
240
240
120
120
Table continues on the next page...
3
Part identification
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
10
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78