| Zakładka z wyszukiwarką danych komponentów |
|
AD7142 Arkusz danych(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7142 Arkusz danych(HTML) 44 Page - Analog Devices |
|
44 / 68 page ![]() AD7142 Rev. 0 | Page 44 of 68 Address Data Bit Default Value Type Name Description [7] 0 STAGE7_COMPLETE_EN STAGE7 conversion interrupt control 0 = interrupt source disabled 1 = INT asserted at completion of STAGE7 conversion [8] 0 STAGE8_COMPLETE_EN STAGE8 conversion complete interrupt control 0 = interrupt source disabled 1 = INT asserted at completion of STAGE8 conversion [9] 0 STAGE9_COMPLETE_EN STAGE9 conversion interrupt control 0 = interrupt source disabled 1 = INT asserted at completion of STAGE9 conversion [10] 0 STAGE10_COMPLETE_EN STAGE10 conversion interrupt control 0 = interrupt source disabled 1 = INT asserted at completion of STAGE10 conversion [11] 0 STAGE11_COMPLETE_EN STAGE11 conversion interrupt control 0 = interrupt source disabled 1 = INT asserted at completion of STAGE11 conversion [12] 0 GPIO_INT_EN Interrupt control when GPIO input pin changes level 0 = disabled 1 = enabled [15:13] Unused Set unused register bits = 0 Table 27. STAGE_LOW_LIMIT_INT Register1 Address Data Bit Default Value Type Name Description 0x008 [0] 0 R STAGE0_LOW_LIMIT_INT STAGE0 CDC conversion low limit interrupt result 1 = indicates STAGE0_LOW_THRESHOLD value was exceeded [1] 0 STAGE1_LOW_LIMIT_INT STAGE1 CDC conversion low limit interrupt result 1 = indicates STAGE1_LOW_THRESHOLD value was exceeded [2] 0 STAGE2_LOW_LIMIT_INT STAGE2 CDC conversion low limit interrupt result 1 = indicates STAGE2_LOW_THRESHOLD value was exceeded [3] 0 STAGE3_LOW_LIMIT_INT STAGE3 CDC conversion low limit interrupt result 1 = indicates STAGE3_LOW_THRESHOLD value was exceeded [4] 0 STAGE4_LOW_LIMIT_INT STAGE4 CDC conversion low limit interrupt result 1 = indicates STAGE4_LOW_THRESHOLD value was exceeded [5] 0 STAGE5_LOW_LIMIT_INT STAGE5 CDC conversion low limit interrupt result 1 = indicates STAGE5_LOW_THRESHOLD value was exceeded [6] 0 STAGE6_LOW_LIMIT_INT STAGE6 CDC conversion low limit interrupt result 1 = indicates STAGE6_LOW_THRESHOLD value was exceeded [7] 0 STAGE7_LOW_LIMIT_INT STAGE7 CDC conversion low limit interrupt result 1 = indicates STAGE7_LOW_THRESHOLD value was exceeded [8] 0 STAGE8_LOW_LIMIT_INT STAGE8 CDC conversion low limit interrupt result 1 = indicates STAGE8_LOW_THRESHOLD value was exceeded [9] 0 STAGE9_LOW_LIMIT_INT STAGE9 CDC conversion low limit interrupt result 1 = indicates STAGE9_LOW_THRESHOLD value was exceeded |