| Zakładka z wyszukiwarką danych komponentów |
|
AD7142 Arkusz danych(PDF) 52 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7142 Arkusz danych(HTML) 52 Page - Analog Devices |
|
52 / 68 page ![]() AD7142 Rev. 0 | Page 52 of 68 Data Bit Default Value Type Name Description [11:10] X R/W CIN5_CONNECTION_SETUP CIN5 connection setup 00 = CIN5 not connected to CDC inputs 01 = CIN5 connected to CDC negative input 10 = CIN5 connected to CDC positive input 11 = CIN5 connected to BIAS (connect unused CIN inputs) [13:12] X R/W CIN6_CONNECTION_SETUP CIN6 connection setup 00 = CIN6 not connected to CDC inputs 01 = CIN6 connected to CDC negative input 10 = CIN6 connected to CDC positive input 11 = CIN6 connected to BIAS (connect unused CIN inputs) [15:14] X Unused Table 46. STAGEX Detailed CIN (7:13) Connection Setup Description (X = 0 to 11) Data Bit Default Value Type Name Description [1:0] X R/W CIN7_CONNECTION_SETUP CIN7 connection setup 00 = CIN7 not connected to CDC inputs 01 = CIN7 connected to CDC negative input 10 = CIN7 connected to CDC positive input 11 = CIN7 connected to BIAS (connect unused CIN inputs) [3:2] X R/W CIN8_CONNECTION_SETUP CIN8 connection setup 00 = CIN8 not connected to CDC inputs 01 = CIN8 connected to CDC negative input 10 = CIN8 connected to CDC positive input 11 = CIN8 connected to BIAS (connect unused CIN inputs) [5:4] X R/W CIN9_CONNECTION_SETUP CIN9 connection setup 00 = CIN9 not connected to CDC inputs 01 = CIN9 connected to CDC negative input 10 = CIN9 connected to CDC positive input 11 = CIN9 connected to BIAS (connect unused CIN inputs) [7:6] X R/W CIN10_CONNECTION_SETUP CIN10 connection setup 00 = CIN10 not connected to CDC inputs 01 = CIN10 connected to CDC negative input 10 = CIN10 connected to CDC positive input 11 = CIN10 connected to BIAS (connect unused CIN inputs) [9:8] X R/W CIN11_CONNECTION_SETUP CIN11 connection setup 00 = CIN11 not connected to CDC inputs 01 = CIN11 connected to CDC negative input 10 = CIN11 connected to CDC positive input 11 = CIN11 connected to BIAS (connect unused CIN inputs) [11:10] X R/W CIN12_CONNECTION_SETUP CIN12 connection setup 00 = CIN12 not connected to CDC inputs 01 = CIN12 connected to CDC negative input 10 = CIN12 connected to CDC positive input 11 = CIN12 connected to BIAS (connect unused CIN inputs) |