Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL6211CA Arkusz danych(PDF) 8 Page - Renesas Technology Corp

Numer części ISL6211CA
Szczegółowy opis  Crusoe™ Processor Core-Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6211CA Arkusz danych(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6211CA Datasheet HTML 4Page - Renesas Technology Corp ISL6211CA Datasheet HTML 5Page - Renesas Technology Corp ISL6211CA Datasheet HTML 6Page - Renesas Technology Corp ISL6211CA Datasheet HTML 7Page - Renesas Technology Corp ISL6211CA Datasheet HTML 8Page - Renesas Technology Corp ISL6211CA Datasheet HTML 9Page - Renesas Technology Corp ISL6211CA Datasheet HTML 10Page - Renesas Technology Corp ISL6211CA Datasheet HTML 11Page - Renesas Technology Corp ISL6211CA Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISL6211
FN9043 Rev 1.00
Page 8 of 16
Nov 2001
Alternative Voltage Programming Input
Alternatively to VID code programming, the output voltage can
be set by an ALTV pin. The necessity of such input is dictated
by the fact that during power-up and some power saving
modes of operation, the voltage on the processor is insufficient
to provide correct VID codes to the controller. The required
core voltage should be set by some means external to the
processor. One of the most common approaches to this
problem is to provide hard wired VID code via multiplexer
controlled by the CPU. Providing high degree of flexibility, the
approach lacks simplicity and takes many external
components and valuable motherboard area. The ISL6211
uses the simpler way to set the core voltages when the CPU is
incapable of doing that.
The resistor-MOSFET network is connected to the ALTV pin as
it is shown on Simplified Power Diagram and in the Figure 2.
The calibrated current source of 10
A from ALTV pin creates
the voltage drop on the resistor when the MOSFET conducts
being activated by the input logic signal, for example DSX. The
controller regulates the output voltage to the level established
on the ALTV pin when this voltage is lower than the highest
VID programmed voltage (1.75V). When the MOSFET in
series with the resistor is turned off by the gate signal, the
ALTV pin voltage rises to VCC signaling the chip that DSX
signal is de-asserted. This high level signal commands the
controller to regulate the output voltage to the level
programmed by the VID code. This programming technique
relies on the tolerance of the internal pull-up current and
provides +/-5% accuracy of the voltage set.
If a better accuracy is required, the circuit shown in the Figure
3 can be used instead. With this approach the set point
accuracy depends mainly on the tolerance of an external
reference voltage source.
Output Voltage Droop
TABLE 1.
PIN NAME
NOMINAL
OUT1
VOLTAGE
VID4
VID3
VID2
VID1
VID0
00
00
0
1.750
00
00
1
1.700
00
01
0
1.650
00
01
1
1.600
00
10
0
1.550
00
10
1
1.500
00
11
0
1.450
00
11
1
1.400
01
00
0
1.350
01
00
1
1.300
01
01
0
1.250
01
01
1
1.200
01
10
0
1.150
01
10
1
1.100
01
11
0
1.050
01
11
1
1.000
10
00
0
0.975
10
00
1
0.950
10
01
0
0.925
10
01
1
0.900
10
10
0
0.875
10
10
1
0.850
10
11
0
0.825
10
11
1
0.800
11
00
0
0.775
11
00
1
0.750
11
01
0
0.725
11
01
1
0.700
11
10
0
0.675
11
10
1
0.650
11
11
0
0.625
11
11
1
0.600
NOTE: 0 = connected to GND or VSS, 1 = open or connected to Vcc
or voltage source of 2.5V...5.0 through pull-up resistors.
FIGURE 2. CIRCUIT FOR MORE PRECISE PROGRAMMING
OF START AND DSX VOLTAGES
R2
R1
DSX
ALTV
Q2
Q1
START
ISL6211
10
A
6
FIGURE 3. CIRCUIT FOR MORE PRECISE PROGRAMMING
OF START AND DSX VOLTAGES
R3
R2
DSX
6
ALTV
Q2
Q1
START
ISL6211
R1
VREF
R2
VSTART R1
VREF VSTART
R1 10
A
+
-------------------------------------------------------------------------------
=
R3
VDSX R1
VREF VDSX
R1 10
A
+
------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com