| Zakładka z wyszukiwarką danych komponentów |
|
BKA Arkusz danych(PDF) 6 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
BKA Arkusz danych(HTML) 6 Page - ITT Industries |
|
6 / 19 page ![]() www.ittcannon.com 7 Dimensions are shown in inches (millimeters). Dimensions subject to change. ARINC 600 BKAD/E/F Shell Dimensions - Size 3 .260 (6.60)* .250 (6.35) .070 (1.78)* .060 (1.52) 5.355 (136.02) 5.345 (135.76) .135 (3.43)* .115 (2.92) 2.004 (50.90) 1.994 (50.65) 1.258 (31.95) 1.248 (31.70) 3.770 (95.76) 3.760 (95.50) .890 (22.61) .870 (22.10) 1.68 (4.27) .158 (4.01) 1.440 (36.58) 1.430 (36.32) 1.252 (31.80) 1.242 (31.55) 6.995 MAX (177.67) 6.500 (165.10) MAX 620 MIN (15.75) .130 (3.50) .120 (3.05) BKAE SERIES 1.402 (35.61) MAX 1.150 MAX (29.21) BKAD SERIES 1.102 (27.99) MAX .655 (16.64) .645 (16.38) .655 (16.64) .645 (16.38) 2.135 (54.23) 2.125 (53.98) 2.135 (54.23) 2.125 (53.98) BKAD SERIES 1.198 (30.43) MAX. BKAE SERIES 1.550 (39.37) MAX 6.975 MAX (177.16) BKAE SERIES 1.531 (38.89) MAX BKAD/BKAF SERIES 1.221 (31.01)MAX .130 (3.30) .120 (3.05) BKAD/BKAF SERIES 1.317 (33.45)MAX BKAE SERIES 1.670 (42.42 )MAX .188 (4.78) .184 (4.67) .188 (4.78) .184 (4.67) 6.645 (168.78) 6.629 (168.38) 6.355 (161.42) 6.345 (161.16) 6.627 (168.33) 6.607 (167.82) 6.355 (161.42) 6.345 (161.16) 1.953 (49.61) 1.947 (49.45) 3.310 MIN (84.07) .030 (.76)R MAX 4 PL .030 R MAX (.76) 4 PL .120 R MAX (3.05) 4 PL 6.353 (161.37) 6.347 (161.21) 6.515 MIN (165.48) .590 MAX (14.99) .385 (9.78) .375 (.952) .191 (4.85) .189 (4.80) 3 PL .180 (4.57) D .166 (4.22) 12 PL .2.889 (73.38) 2.883 (73.23) .250 (6.35) MAX .653 (16.59) .647 (16.43) 3.000 (76.20) MIN .287 R MAX (7.29) 8 PL .191 (4.85) .189 (4.80) 3 PL 3.275 (83.18) 3.245 (82.42) 2.891 (73.43) 2.881 (73.18) 1.955 (49.66 1.945 (49.40) 2.889 (73.38) 2.883 (73.23) 3 PL 6.870 (174.50) MIN .960 (24.38) .930 (23.62) 2 PL .240 MAX (6.10) .030 R MAX (.76) 2 PL .120 R MAX (3.05) 4.PL .180 (4.57) .166 (4.22) 14 PL 2.780 (70.61) MAX 2.20 (55.88) MIN 2.133 (54.18) 2.127 (54.03) .365 (9.27) .355 (9.02) .240 (6.10) MAX. 1.953 (49.61) 2 PL 1.947 (49.45) .653 (16.59) 2 PL .647 (16.43) D 3.275 (83.18) 3.245 (82.42) 2.891 (73.43) 2.881 (73.18) 1.955 (49.66) 1.945 (49.40) .148 + _ .003 DIA. (3.76 + _ 0.08) 14 PLCS MTG HOLES .148 + _ .003 DIA. (3.76 + _ 0.08) 14 PLCS MTG HOLES 2.712 (68.88) 2.702 (68.63) 2.875 (73.02) 2.865 (72.77) Retainer Plate Receptacle Plug Size 3 Plug Panel Cutout * This dimension indicates distance form centerline of retaining screw to the centerline of first contact cavity. For furter information, refer to ARINC 600 specification or consult factory. Retainer Plate Size 3 Plug Panel Cutout * This dimension indicates distance form centerline of retaining screw to the centerline of first contact cavity. For furter information, refer to ARINC 600 specification or consult factory. .260 (6.60)* .250 (6.35) .070 (1.78)* .060 (1.52) 5.355 (136.02) 5.345 (135.76) .135 (3.43)* .115 (2.92) 2.004 (50.90) 1.994 (50.65) 1.258 (31.95) 1.248 (31.70) 3.770 (95.76) 3.760 (95.50) .870 (22.10) .850 (21.59) 1.68 (4.27) .158 (4.01) 1.440 (36.58) 1.430 (36.32) 1.252 (31.80) 1.242 (31.55) 2.712 (68.88) 2.702 (68.63) 2.875 (73.02) 2.865 (72.77) |