| Zakładka z wyszukiwarką danych komponentów |
|
BKA Arkusz danych(PDF) 13 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
BKA Arkusz danych(HTML) 13 Page - ITT Industries |
|
13 / 19 page ![]() ARINC 600 Rack and Panel Connectors BKAD/E/F Size 5 Coax Contact (Rear insertable/removable) Size 12 Shielded Contact (Rear insertable/removable) Size 1 Modified Coaxial Contacts (4W4 Layout Only) Crimp Center Contact-Conforming to ARINC 600 Crimp Tooling Center Contact Part Number Part Number Part Number Style Solder Type Replacement Termination Kits CrimpType Coax Coax Replacement Termination Kits Cable Accommodation Part Number Style Solder Type CrimpType Cable Accommodation RG316 DS RG142 Various 349-1051-002 349-1044-000 349-1042-000 Straight Straight SMA Adapter 320-1066-008 320-1066-007 N/A N/A RG214 AA-5886 RG393 ECS 311201 AA-5887 AA-5888 RG142 Various 349-1043-001 349-1048-000 349-1051-000 349-1046-000 349-1049-000 349-1050-000 349-1047-000 349-1047-001 Straight Straight Straight Straight Straight Straight Straight TNC Adapter 320-1066-000 320-1066-002 320-1066-003 320-1066-001 320-1066-004 320-1066-005 320-1066-006 320-1066-016 320-1066-018 320-1066-019 320-1066-017 320-1066-013 320-1066-014 320-1066-015 Cable Accommo- dation RG-196A/U 249-1767-000 M22520/2-01 995-0001-584 K-182 995-0002-051 M22520/1-01 M22520/10-05A 995-0001-071 M81969/28-02 CET-12-4 Plastic - RG-174/U - M22520/2-01 995-0001-584 K-182 995-0002-051 M22520/1-01 M22520/10-05A 995-0001-071 M81969/28-02 CET-12-4 Plastic 249-1768-000 BMS-1348 (BG) - M22520/2-01 995-0001-584 K-644 995-0002-050 M22520/1-01 M22520/10-05A 995-0001-071 M81969/28-02 CET-12-4 Plastic 249-2203-000 5071 (HW) 249-1767-001 M22520/2-01 995-0001-584 K-182 995-0002-051 M22520/1-01 M22520/10-05A 995-0001-071 M81969/28-02 CET-12-4 Plastic - Pin (Receptacle Connector) Socket (Plug Connector) MIL Spec MIL Spec ITT Cannon ITT Cannon ITT Cannon ITT Cannon MIL Std Frame Jaw Daniels Tool P/N Center Contact Crimp Tooling Locator P/N Outer Shell Tool Tool Cable Accommo- dation RG-58C/U BA-5903 (BG) 349-0014-000 349-0013-000 M22520/2-01 995-0001-584 K-345 995-0002-049 M22520/5-01 M22520/5-45B CCT-HX3-156 CET-C8 5021K1011 (Raychem) 349-0016-000 349-0015-000 M22520/2-01 995-0001-584 K-345 995-0002-049 M22520/5-01 M22520/5-45B CCT-HX3-156 CET-C8 RG-223 349-1060-100 349-1059-000 M22250/2-01 995-0001-584 K-345 995-0002-049 M22520/5-01 M22520/5-45B CCT-HX3-156 CET-C8 RG-400 - 349-1003-000 M22250/2-01 995-0001-584 K-345 995-0002-049 M22520/10-01 M22520/10-23 - CET-C8 RG-316 - 349-1004-000 M22250/2-01 995-0001-584 K-345 995-0002-049 M22520/10-01 M22520/10-23 - - - - - CET-C8 Pin (Receptacle Connector) Socket (Plug Connector) MIL Spec ITT Cannnon Daniels ITT Cannon Frame Jaw Complete Tool Extraction Tool Tool Locator MIL STD ITT Cannon Outer Shell Plug Connector Customer Use Drawings: All Coax contacts (except 349-1047-001) customer use drawing #349-0000-305 Crimp termination kits: Customer use drawing #320-0000-305 Solder termination kits: Customer use drawing #320-0000-304 Receptacle Connector Customer Use Drawings: Coax contacts 349-1051-002 and 349-1044-000 are located on cusomter use drawing #349-0000-304 Coax contacts 349-1042-000 is located on cusomter use drawing #320-1042-000 www.ittcannon.com 14 Dimensions are shown in inches (millimeters). Dimensions subject to change. |