| Zakładka z wyszukiwarką danych komponentów |
|
T48C862-R3 Arkusz danych(PDF) 78 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C862-R3 Arkusz danych(HTML) 78 Page - ATMEL Corporation |
|
78 / 107 page ![]() 78 T48C862-R3 4554A–4BMCU–02/03 Combination Modes The UTCM consists of two timers (Timer 2 and Timer 3) and a serial interface. There is a multitude of modes in which the timers and serial interface can work together. The 8-bit wide serial interface operates as shift register for modulation and demodula- tion. The modulator and demodulator units work together with the timers and shift the data bits into or out of the shift register. Combination Mode Timer 2 and SSI Figure 73. Combination Timer 2 and SSI 4-bit counter 2/1 RES OVF1 Compare 2/1 T2CO1 POUT CL2/2 DCG T2M1 P4CR 8-bit counter 2/2 RES OVF2 Compare 2/2 T2CO2 T2CM Timer 2 - control TOG2 INT4 Biphase-, Manchester- modulator Output MOUT T2O Timer 2 modulator output-stage T2M2 SO Control T2C CL2/1 T2I SYSCL T1OUT TOG3 SCL I/O-bus 8-bit shift register MSB LSB Shift_CL SO SIC1 SIC2 SISC SCLI Control STB SRB SI Output INT3 I/O-bus SSI-control TOG2 POUT T1OUT SYSCL MCL_SC MCL_SD Transmit buffer Receive buffer CM1 I/O-bus POUT SO SCL SC SD DCGO TOG2 |