| Zakładka z wyszukiwarką danych komponentów |
|
AND8099/D Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AND8099/D Arkusz danych(HTML) 2 Page - ON Semiconductor |
|
2 / 8 page ![]() AND8099/D http://onsemi.com 2 The component losses can be evaluated and budgetized with the following formula: Ploss =Pin (1 - eff) · P% where P% is the percentage loss of the desired circuit section per total power supply loss. Usually, 35% of the losses come from the power MOSFET, 60% from the output rectifier, 5% from the magnetics, and 5% from miscellaneous sources. Estimated Power Loss = Pin - Pout = 12.82 - 10 = 2.82 W MOSFET Power Losses = 2.82 · 35% = 0.987 W Rectifier Power Losses = 2.82 · 60% = 1.692 W Circuit Description Input Block The input block of the power supply consists of a fuse, an EMI filter, a diode bridge rectifier, and an input bulk capacitor. Fuse The fuse F1 is protecting the circuit from current surges occurring at turn on. In this application, F1 is rated for 2.0 A, 125 VAC. EMI Filter The EMI filter is suppressing common mode and differential mode noise and is very dependent upon board layout, component selection, etc. An X capacitor C1 and a common mode choke L1 are placed across the AC lines to attenuate differential mode noise, see Figure 1. The EMI inductor is slowing down any transient voltage surge to reduce high frequency noise. Both the capacitor and choke should be placed before the diode bridge and as close to the AC line input as possible to minimize RFI. Diode Bridge Rectifier In order to choose the right diode bridge rectifier, the values of the forward and surge currents and DC blocking voltage must be considered. The surge current can reach values up to five times that of the average input rms current. It is therefore necessary to select a rectifier capable of handling such large currents. DC Blocking Voltage is calculated at high line: VR w Vpeak(max) + Vin(max) ·2 + 375 VDC Forward Current: IF w 1.5 · Iin(avg) + 1.5 · 0.160 + 0.240 A Surge Current: IFSM w 5·IF + 5 · 0.240 + 1.2 A Input Bulk Capacitor The purpose of the input bulk capacitor C2 is to hold up the rectified line voltage and also to filter out common mode noise. It is placed between the bridge rectifier output and ground. The size of the bulk capacitor depends on peak rectified input voltage and the ripple voltage magnitude. A larger capacitor will lower the ripple voltage on the DC input line, but will induce a larger surge current when the supply is powered up. Assuming a ripple magnitude of about 32% of the peak rectified voltage at low line, Cbulk can then be calculated using: Cbulk + Pin fac · (Vpeak(min)2 * Vin(low)2) + 12.82 60 · (1202 * 80.22) + 27 mF Select the closest standard capacitor of 33 mF with low ESR. Aluminum electrolytics are preferred because of their sturdiness and high reliability. Power Stage At the heart of the power stage is the ON Semiconductor NCP1055. The NCP1055 is a high voltage switching regulator that uses a fixed-frequency, duty cycle controlled oscillator. Rectified AC line voltage is applied to the startup circuit Pin 5 through the primary winding of the transformer. The circuit then routes current to the supply capacitor C5 which is typically connected to Pin 1. A switching cycle begins when the oscillator charges and discharges an on chip timing capacitor which generates a square wave signal used to pulse width modulate the power switch circuit. The control input pin is monitoring source or sink current drawn by an optocoupler. When the power supply output is greater than the reference voltage, the optocoupler begins to conduct pulling on the control input. The output of the control input is then sampled continuously during ton and has the ability to either turn the power switch circuit on or off at any time within ton. Magnetics Calculations The next step is the design of the flyback transformer. The design of the magnetics block is the most important and delicate part of the whole design process because it will determine how well the power supply will perform. The flyback-mode transformer functions by first conducting current in the primary winding, thus storing energy in the core of the transformer. The core energy is then transferred to the secondary winding when the primary side is turned off. The core and bobbin are standard EFD20 sizes. |