| Zakładka z wyszukiwarką danych komponentów |
|
AND8099/D Arkusz danych(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AND8099/D Arkusz danych(HTML) 3 Page - ON Semiconductor |
|
3 / 8 page ![]() AND8099/D http://onsemi.com 3 In order for the regulator to operate in discontinuous mode under worse case conditions and to maximize power, the maximum on time is 48% of the full period, therefore the the maximum primary inductance is calculated based on a maximum duty cycle of 48%. Using a larger inductance than calculated will cause the power supply output to fall out of regulation. Lpri + Vin(low) · max Ipeak ·fop , where max is the maximum duty cycle Lpri + 80.2 · 0.48 0.667 * 100 · 103 + 0.577 mH Primary flyback voltage: VFB + Vin(low) ·ton toff + 80.2 · 4.8 · 10 -6 5.2 · 10-6 + 74.03 V, where ton is 4.8 ms Primary to secondary turns ratio: Npri N sec + VFB Vout ) VF + 74.03 5 ) 0.525 + 13.4 [ 13 turns By rearranging the above equation and solving for Nsec yields ≈1 turn. Energy entering the core during on-time (when the power switch is conducting): Estored + Lpri ·Ipeak2 2 , where the stored energy is measured in Joules. Estored + 0.577 · 10-3 · 0.6672 2 + 1.28 10-4 Joules One can double check if the power capability of the transformer is large enough to supply enough power to the output with the following equation: Pin(core) + Lpri ·Ipeak2 2 ·fop u Pout Pin(core) + 1.28 10-4 · 100 kHz + 12.8 W u Pout + 10 W Input Snubber Because of the high dv/dt characteristic of the power transistor drain voltage and of the transformer leakage inductance, voltage spikes and ringing occur at the drain when the power switch is turned off. Resistor R1, C3, D5 compromise an RCD snubber. In parallel to the primary winding are R2 and C4 which compromise an RC ringing damper which slows down the dv/dt and reduces the peak voltage therefore decreasing the ringing due to high frequency noise. Since i + C· dv dt , increasing the capacitance will also reduce the magnitude of the voltage ripple. The snubber and ringing damper act together to protect the IC from voltage transients greater than 700 V and reduce radiated noise. Output Block The output consists of a diode rectifier, a pi-filter, and a voltage regulator. For a flyback converter with an output voltage less than 7.5 V, a Schottky rectifier provides the maximum efficiency and is therefore the best choice. The Schottky rectifier used is the ON Semiconductor 1N5822, in which VR = 40 V, IF = 3.0 A, and VF = 0.525 V. The main purpose of this rectifier is to take the secondary voltage and convert it to a DC voltage. The following equations are used in selecting the Schottky rectifier: Maximum reverse peak voltage (calculated at high line): VRout u Vout ) Vpeak(max) · N sec Npri VRout u 5 ) 375 · 1 13 + 33.85 V For discontinuous mode, the maximum forward peak current can be approximated using: IFout + 4·Iout + 8A Diode D6 along with C7, C8, C9, L2, and C11 rectify the transformer secondary and filter the output in order to provide a tightly regulated DC output . Capacitor C7, C8 and C9 are placed in parallel in order to reduce ESR. In addition, the voltage rating of C7, C8 and C9 should be high enough for them to withstand the voltage spikes and the output voltage. L2 and C11 form a low pass filter that attenuates high frequency noise. Output filter capacitor: Cout + Iout(max) ·Toff(max) Vripple(desired) , + min · 1 fop where Toff(max) and Vripple(desired) + 40 mV Cout + 8 · 0.52 · 1 100 · 103 0.040 + 1040 mF Output filter choke (designed for a break frequency of 4.0 kHz): L + 1 2· p ·f· C 2 , where C + C11 + 330 mF and f is the corner frequency. L + 1 2· p · 4k · 330 mF 2 + 4.8 mH |