Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S71AL016D02 Arkusz danych(PDF) 72 Page - SPANSION

Numer części S71AL016D02
Szczegółowy opis  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPANSION [SPANSION]
Strona internetowa  http://www.spansion.com
Logo SPANSION - SPANSION

S71AL016D02 Arkusz danych(HTML) 72 Page - SPANSION

Back Button S71AL016D02 Datasheet HTML 68Page - SPANSION S71AL016D02 Datasheet HTML 69Page - SPANSION S71AL016D02 Datasheet HTML 70Page - SPANSION S71AL016D02 Datasheet HTML 71Page - SPANSION S71AL016D02 Datasheet HTML 72Page - SPANSION S71AL016D02 Datasheet HTML 73Page - SPANSION S71AL016D02 Datasheet HTML 74Page - SPANSION S71AL016D02 Datasheet HTML 75Page - SPANSION S71AL016D02 Datasheet HTML 76Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
72
2Mbit Type 2 SRAM
SRAM_Type04_04A0 August 4, 2004
Pr e l i m i n a r y
Notes:
1. The internal write time of the memory is defined by the overlap of WE#, CE# = VIL, BHE# and/or BLE# = VIL. All signals
must be Active to initiate a write, and any of these signals can terminate a write by going Inactive. The data input set-up and
hold timing should be referenced to the edge of the signal that terminates the write.
2. Data I/O is high-impedance if OE# = VIH.
3. If CE# goes High simultaneously with WE# High, the output remains in a high-impedance state.
4. During this period, the I/Os are in output state and input signals should not be applied.
Figure 5. Write Cycle 1 (WE# Controlled)
tHD
tSD
tPWE
tSA
tHA
tAW
tSCE
tWC
tHZOE
DATA IN VALID
CE#
ADDRESS
WE#
DATA I/O
OE#
NOTE 4
tBW
BHE#/BLE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com