Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S71AL016D02 Arkusz danych(PDF) 21 Page - SPANSION

Numer części S71AL016D02
Szczegółowy opis  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPANSION [SPANSION]
Strona internetowa  http://www.spansion.com
Logo SPANSION - SPANSION

S71AL016D02 Arkusz danych(HTML) 21 Page - SPANSION

Back Button S71AL016D02 Datasheet HTML 17Page - SPANSION S71AL016D02 Datasheet HTML 18Page - SPANSION S71AL016D02 Datasheet HTML 19Page - SPANSION S71AL016D02 Datasheet HTML 20Page - SPANSION S71AL016D02 Datasheet HTML 21Page - SPANSION S71AL016D02 Datasheet HTML 22Page - SPANSION S71AL016D02 Datasheet HTML 23Page - SPANSION S71AL016D02 Datasheet HTML 24Page - SPANSION S71AL016D02 Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
August 4, 2004 S29AL016D_00_A1_E
S29AL016D
21
Ad vance
Info rmat i o n
It is possible to determine whether a sector is protected or unprotected. See “Au-
toselect Mode” for details.
Sector protection/unprotection can be implemented via two methods.
The primary method requires VID on the RESET# pin only, and can be imple-
mented either in-system or via programming equipment. Figure 2 shows the
algorithms and Figure 23 shows the timing diagram. This method uses standard
microprocessor bus cycle timing. For sector unprotect, all unprotected sectors
must first be protected prior to the first sector unprotect write cycle.
The alternate method intended only for programming equipment requires VID on
address pin A9 and OE#. This method is compatible with programmer routines
written for earlier 3.0 volt-only Spansion flash devices. Details on this method are
provided in a supplement, publication number 21468. Contact a Spansion repre-
sentative to request a copy.
Temporary Sector Unprotect
This feature allows temporary unprotection of previously protected sectors to
change data in-system. The Sector Unprotect mode is activated by setting the
RESET# pin to VID. During this mode, formerly protected sectors can be pro-
grammed or erased by selecting the sector addresses. Once VID is removed from
the RESET# pin, all the previously protected sectors are protected again. shows
the algorithm, and Figure 22 shows the timing diagrams, for this feature.
Figure 1. Temporary Sector Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = VID
(Note 1)
Notes:
1. All protected sectors unprotected.
2. All previously protected sectors are protected once
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com